Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7-2544-2 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA7-2544-2
Description  50MHz, Video Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-2544-2 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA7-2544-2 Datasheet HTML 3Page - Intersil Corporation HA7-2544-2 Datasheet HTML 4Page - Intersil Corporation HA7-2544-2 Datasheet HTML 5Page - Intersil Corporation HA7-2544-2 Datasheet HTML 6Page - Intersil Corporation HA7-2544-2 Datasheet HTML 7Page - Intersil Corporation HA7-2544-2 Datasheet HTML 8Page - Intersil Corporation HA7-2544-2 Datasheet HTML 9Page - Intersil Corporation HA7-2544-2 Datasheet HTML 10Page - Intersil Corporation HA7-2544-2 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Typical Video Performance Curves
FIGURE 20. AC GAIN VARIATION vs DC OFFSET LEVELS
(DIFFERENTIAL GAIN)
FIGURE 21. AC PHASE VARIATION vs DC OFFSET LEVELS
(DIFFERENTIAL PHASE)
FIGURE 22. DIFFERENTIAL GAIN
FIGURE 23. DIFFERENTIAL PHASE
FIGURE 24. GAIN FLATNESS
FIGURE 25. CHROMINANCE TO LUMINANCE DELAY
0.004
0.003
0.002
0.001
0
-0.001
-0.002
-0.003
-0.004
-0.005
-0.006
0
123
4
5
DC VOLTAGE LEVEL
f = 3.58MHz AND 5.00MHz
0.200
0.150
0.100
0.050
0
-0.050
-0.100
-0.150
-0.200
-0.250
-0.300
0
1
23
45
DC VOLTAGE LEVEL
SYSTEM
ALONE
f = 3.58MHz
f = 5.00MHz
NTSC Method, RL = 1kΩ, Differential Gain <0.05% at TA = 75
oC
No Visual Difference at TA = -55
oC or 125oC
NTSC Method, RL = 1kΩ,
Differential Phase < 0.05 Degree at TA = 75
oC
No Visual Difference at TA = -55
oC or 125oC
AV = +1, VIN = ±100mV
RL = 1kΩ, CL < 10pF
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
100
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
NTSC Method, RL = 1kΩ, C-L Delay <7ns at TA = 75
oC
No Visual Difference at TA = -55
oC or 125oC
Vertical Scale: Input = 100mV/Div., Output = 50mV/Div.
Horizontal Scale: 500ns/Div.
INPUT
OUTPUT
HA-2544


Similar Part No. - HA7-2544-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7-2544/883 INTERSIL-HA7-2544/883 Datasheet
44Kb / 5P
   Video Operational Amplifier
More results

Similar Description - HA7-2544-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544_04 Datasheet
807Kb / 11P
   50MHz, Video Operational Amplifier
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
logo
Maxim Integrated Produc...
MAX404 MAXIM-MAX404 Datasheet
239Kb / 8P
   Video Operational Amplifier
Rev 0; 7/91
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com