Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2839 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-2839
Description  600MHz, Very High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2839 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-2839 Datasheet HTML 1Page - Intersil Corporation HA-2839 Datasheet HTML 2Page - Intersil Corporation HA-2839 Datasheet HTML 3Page - Intersil Corporation HA-2839 Datasheet HTML 4Page - Intersil Corporation HA-2839 Datasheet HTML 5Page - Intersil Corporation HA-2839 Datasheet HTML 6Page - Intersil Corporation HA-2839 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3-53
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com
| Copyright
© Intersil Corporation 1999
HA-2839/883
Very High Slew Rate,
Wideband Operational Amplifier
Description
The HA-2839/883 is a wideband, very high slew rate, opera-
tional amplifier featuring superior speed and bandwidth
characteristics. It also features trimmed supply current,
which minimizes supply current (and thus A.C. parameter)
variation over process and temperature extremes. For exam-
ple, the ICC variation over the entire military temperature
range is typically less than 0.5mA. Bipolar construction, cou-
pled with dielectric isolation, delivers outstanding perfor-
mance in circuits with closed loop gains
≥10.
The 600V/
µs slew rate, and 600MHz gain bandwidth product
ensure high performance in video and wideband amplifier
designs. Differential gain and phase are a low 0.03% and
0.03 degrees, respectively, making the HA-2839/883 ideal
for video applications. A full
±10V output swing, high open
loop
gain,
and
outstanding
A.C.
parameters
make
the HA-2839/883 an excellent choice for data acquisition
systems.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HA1-2839/883
-55oC to +125oC
14 Lead CerDIP
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Supply Current . . . . . . . . . . . . . . . . . . . . . 15.0mA (Max)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . 2.0mV (Max)
• Very High Slew Rate . . . . . . . . . . . . . . . . 600V/
µs (Typ)
• Open Loop Gain . . . . . . . . . . . . . . . . . . . . . 20kV/V (Min)
• Wide Gain-Bandwidth (AV ≥ 10) . . . . . . . 600MHz (Typ)
• Input Noise Voltage at 1kHz . . . . . . . . . . 6nV/
√Hz (Typ)
• Enhanced Replacement for HA-2539/883 and EL2039
Applications
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• High Speed Sample-Hold Circuits
• Fast, Precise D/A Converters
• RF Oscillators
Pinout
HA-2839/883
(CERDIP)
TOP VIEW
+IN
NC
V-
NC
NC
NC
NC
-IN
NC
NC
NC
V+
NC
OUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+-
Spec Number
511089-883
File Number
3593.1
July 1994


Similar Part No. - HA-2839

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
logo
Harris Corporation
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2839/883 INTERSIL-HA-2839/883 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
More results

Similar Description - HA-2839

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com