Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2-2640-2 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA2-2640-2
Description  4MHz, High Supply Voltage Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-2640-2 Datasheet(HTML) 5 Page - Intersil Corporation

  HA2-2640-2 Datasheet HTML 1Page - Intersil Corporation HA2-2640-2 Datasheet HTML 2Page - Intersil Corporation HA2-2640-2 Datasheet HTML 3Page - Intersil Corporation HA2-2640-2 Datasheet HTML 4Page - Intersil Corporation HA2-2640-2 Datasheet HTML 5Page - Intersil Corporation HA2-2640-2 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FIGURE 8. NORMALIZED AC PARAMETERS vs SUPPLY
VOLTAGE AT 25oC
FIGURE 9. OPEN LOOP FREQUENCY RESPONSE FOR
VARIOUS VALUES OF CAPACITORS FROM
COMPENSATION PIN TO GROUND
FIGURE 10. OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 11. OUTPUT CURRENT CHARACTERISTIC
FIGURE 12. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 13. OUTPUT VOLTAGE SWING vs SUPPLY VOLTAGE
Typical Performance Curves VS = ±40V, TA = 25oC, Unless Otherwise Specified (Continued)
SUPPLY VOLTAGE (
±V)
0.8
SLEW RATE
BANDWIDTH
10
20
30
40
0.9
1.0
1.1
1.2
FREQUENCY (Hz)
100K
10K
1K
100
10
1M
10M
0pF
30pF
100pF
300pF
1,000pF
40
0
40
80
120
AUT
CCOMP
CL =
100pF
VSUPPLY = ±40V
VSUPPLY = ±20V
VSUPPLY = ±10V
FREQUENCY (Hz)
1K
100K
1M
10K
0.1
1.0
10.0
100
OUTPUT LOAD CURRENT (mA)
-10
-20
-40
-30
AV = 1, VSUPPLY = ±40V
VIN = -35V
AV = 1, VSUPPLY = ±20V
VIN = -15V
125oC
25oC
-55oC
20
15
10
5
125oC
-55oC
25oC
10
20
40
30
AV = 1, VSUPPLY = ±40V
VIN = +35V
AV = 1, VSUPPLY = ±20V
VIN = +15V
125oC
25oC
-10
-5
-55oC
-15
-20
-55oC
125oC
25oC
SUPPLY VOLTAGE (
±V)
10
15
20
25
30
35
40
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
+ICC
-ICC
SUPPLY VOLTAGE (
±V)
10
15
20
25
30
35
40
-40
-VOUT
+VOUT
-30
-20
-10
0
10
20
30
40
HA-2640, HA-2645


Similar Part No. - HA2-2640-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-2640-2 INTERSIL-HA2-2640-2 Datasheet
285Kb / 8P
   4MHz, High Supply Voltage Operational Amplifiers
logo
Renesas Technology Corp
HA2-2640-2 RENESAS-HA2-2640-2 Datasheet
577Kb / 9P
   4MHz, High Supply Voltage Operational Amplifiers
August 7, 2015
More results

Similar Description - HA2-2640-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2640 INTERSIL-HA-2640_06 Datasheet
285Kb / 8P
   4MHz, High Supply Voltage Operational Amplifiers
logo
Renesas Technology Corp
HA-2640 RENESAS-HA-2640 Datasheet
577Kb / 9P
   4MHz, High Supply Voltage Operational Amplifiers
August 7, 2015
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
   SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com