Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRS5020T220MMGJV Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # NRS5020T220MMGJV
Description  SMD Power Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRS5020T220MMGJV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  NRS5020T220MMGJV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS (High Reliability Application)
SMD Power Inductors for Automotive / Industrial Applications (NR series H type / V type / S type)
NRS5020T220MMGJV
Features
Item Summary
22μH(±20%), 900mA, 1000mA
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping 800pcs
Products characteristics table
CaseSize (EIA/JIS)
-/5050
Inductance
22μH(±20%)
Inductance Measuring Frequency
100kHz
Rated Current -Saturation Current
900mA
Rated Current -Temperature Rise Current
1000mA
DC Resistance (max)
0.312Ω
Avg. of DC.Resistance
0.26Ω
Self-resonant Frequency (min)
17MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
4.9mm ±0.2
W
4.9mm ±0.2
H
2mm max
Recommended Land Patterns
2015.03.06
1 / 1


Similar Part No. - NRS5020T220MMGJV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
811Kb / 22P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
811Kb / 22P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
635Kb / 23P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
295Kb / 3P
   SMD Power Inductors (NR series S type)
NRS5020T220MMGJ TAIYO-YUDEN-NRS5020T220MMGJ Datasheet
372Kb / 3P
   Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
More results

Similar Description - NRS5020T220MMGJV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NS12575T151MNV TAIYO-YUDEN-NS12575T151MNV Datasheet
168Kb / 2P
   SMD Power Inductors for Automotive
NS12575T220MNV TAIYO-YUDEN-NS12575T220MNV Datasheet
169Kb / 2P
   SMD Power Inductors for Automotive
NRH2410T1R0NN4V TAIYO-YUDEN-NRH2410T1R0NN4V Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH2410T1R5MNV TAIYO-YUDEN-NRH2410T1R5MNV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH2412T1R0NNGHV TAIYO-YUDEN-NRH2412T1R0NNGHV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH3010T1R2NNV TAIYO-YUDEN-NRH3010T1R2NNV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH3010T2R2MNV TAIYO-YUDEN-NRH3010T2R2MNV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRS2012T4R7MGJV TAIYO-YUDEN-NRS2012T4R7MGJV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRS5020T6R8MMGJV TAIYO-YUDEN-NRS5020T6R8MMGJV Datasheet
148Kb / 1P
   SMD Power Inductors for Automotive
NRS3015T4R7MNGHV TAIYO-YUDEN-NRS3015T4R7MNGHV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRS4010T220MDGGV TAIYO-YUDEN-NRS4010T220MDGGV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com