Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7-2841883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA7-2841883
Description  Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-2841883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA7-2841883 Datasheet HTML 1Page - Intersil Corporation HA7-2841883 Datasheet HTML 2Page - Intersil Corporation HA7-2841883 Datasheet HTML 3Page - Intersil Corporation HA7-2841883 Datasheet HTML 4Page - Intersil Corporation HA7-2841883 Datasheet HTML 5Page - Intersil Corporation HA7-2841883 Datasheet HTML 6Page - Intersil Corporation HA7-2841883 Datasheet HTML 7Page - Intersil Corporation HA7-2841883 Datasheet HTML 8Page - Intersil Corporation HA7-2841883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3-63
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com
| Copyright
© Intersil Corporation 1999
HA-2841/883
Wideband, Fast Settling, Unity Gain Stable,
Video Operational Amplifier
Description
The HA-2841/883 is a wideband, unity gain stable, operational
amplifier featuring a 50MHz unity gain bandwidth, and excellent
DC specifications. This amplifier’s performance is further
enhanced through stable operation down to closed loop gains of
+1, the inclusion of offset null controls, and by its excellent video
performance.
The capabilities of the HA-2841/883 are ideally suited for high
speed pulse and video amplifier circuits, where high slew rates
and wide bandwidth are required. Gain flatness of 0.05dB, com-
bined with differential gain and phase specifications of 0.03%,
and 0.03 degrees, respectively, make the HA-2841/883 ideal for
component and composite video applications.
A zener/nichrome based reference circuit, coupled with
advanced laser trimming techniques, yields a supply current with
a low temperature coefficient and low lot-to-lot variability. Tighter
ICC control translates to more consistent AC parameters ensur-
ing that units from each lot perform the same way, and easing the
task of designing systems for wide temperature ranges.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HA1-2841/883
-55oC to +125oC
14 Lead CerDIP
HA7-2841/883
-55oC to +125oC
8 Lead CerDIP
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1
• Low AC Variability Over Process and Temperature
• Low Supply Current. . . . . . . . . . . . . . . . . . . 11mA (Max)
• Unity Gain Bandwidth . . . . . . . . . . . . . . . . 50MHz (Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . 290V/
µs (Typ)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . 1mV (Typ)
• Full Power Bandwidth . . . . . . . . . . . . . . . . 4.6MHz (Typ)
• Low Differential Gain/Phase . . . . . . . 0.03%/0.03o (Typ)
Applications
• Pulse and Video Amplifiers
• Wideband Amplifiers
• Fast Sample and Hold Circuits
• Fast, Precise D/A Converters
• High Speed A/D Input Buffer
July 1994
Pinouts
HA-2841/883
(CERDIP)
TOP VIEW
HA-2841/883
(CERDIP)
TOP VIEW
NOTE: (NC) No Connection pins may be tied to a ground plane for better isolation and heat dissipation.
NC
NC
BAL
-IN
+IN
V-
NC
NC
NC
BAL
V+
OUT
NC
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
-
+
BAL
-IN
+IN
V-
1
2
3
4
8
7
6
5
BAL
V+
OUT
NC
-
+
Spec Number
511087-883
File Number
3621.1


Similar Part No. - HA7-2841883

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA7-2840-9 HARRIS-HA7-2840-9 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA7-2840-9 INTERSIL-HA7-2840-9 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA7-2840/883 INTERSIL-HA7-2840/883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA7-2840883 INTERSIL-HA7-2840883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA7-2842/883 INTERSIL-HA7-2842/883 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results

Similar Description - HA7-2841883

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com