Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7-2841883 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA7-2841883
Description  Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-2841883 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA7-2841883 Datasheet HTML 5Page - Intersil Corporation HA7-2841883 Datasheet HTML 6Page - Intersil Corporation HA7-2841883 Datasheet HTML 7Page - Intersil Corporation HA7-2841883 Datasheet HTML 8Page - Intersil Corporation HA7-2841883 Datasheet HTML 9Page - Intersil Corporation HA7-2841883 Datasheet HTML 10Page - Intersil Corporation HA7-2841883 Datasheet HTML 11Page - Intersil Corporation HA7-2841883 Datasheet HTML 12Page - Intersil Corporation HA7-2841883 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Corporation and is for use as application
and design information only. No guarantee is implied.
3-72
HA-2841
PSRR vs FREQUENCY
INPUT NOISE vs FREQUENCY
SLEW RATE vs TEMPERATURE
SLEW RATE vs SUPPLY VOLTAGE
INPUT OFFSET VOLTAGE AND INPUT BIAS CURRENT vs
TEMPERATURE
SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves V
SUPPLY = ±15V, AV = +1, RL = 1kΩ, CL ≤ 10pF, TA = +25
oC, Unless Otherwise Specified.
90
80
70
60
50
40
30
20
100
1K
1M
10K
10M
100K
FREQUENCY (Hz)
±PSRR
120
90
60
30
40
30
20
10
0
0
10
100
1K
10K
100K
FREQUENCY (Hz)
NOISE CURRENT
NOISE VOLTAGE
290
280
270
260
250
-60
-40
-20
0
+20
+40
+60
+80 +100 +120 +140
TEMPERATURE (oC)
NEGATIVE
SLEW RATE
POSITIVE
SLEW RATE
290
280
270
260
250
240
7
8
9
1011
12
1314
15
SUPPLY VOLTAGE (
±V)
NEGATIVE
SLEW RATE
POSITIVE
SLEW RATE
9.0
8.0
7.0
6.0
5.0
4.0
3.0
-60
-40
-20
0
+20 +40
+60 +80 +100 +120 +140
TEMPERATURE (oC)
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
OFFSET
VOLTAGE
BIAS
CURRENT
12
10
8
6
4
2
5
6
7
8
9
10
11
12
13
14
15
SUPPLY VOLTAGE (
±V)
+125oC
-55oC
+25oC
Spec Number
511087-883


Similar Part No. - HA7-2841883

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA7-2840-9 HARRIS-HA7-2840-9 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA7-2840-9 INTERSIL-HA7-2840-9 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA7-2840/883 INTERSIL-HA7-2840/883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA7-2840883 INTERSIL-HA7-2840883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA7-2842/883 INTERSIL-HA7-2842/883 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results

Similar Description - HA7-2841883

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com