Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2841883 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HA-2841883
Description  Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2841883 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HA-2841883 Datasheet HTML 5Page - Intersil Corporation HA-2841883 Datasheet HTML 6Page - Intersil Corporation HA-2841883 Datasheet HTML 7Page - Intersil Corporation HA-2841883 Datasheet HTML 8Page - Intersil Corporation HA-2841883 Datasheet HTML 9Page - Intersil Corporation HA-2841883 Datasheet HTML 10Page - Intersil Corporation HA-2841883 Datasheet HTML 11Page - Intersil Corporation HA-2841883 Datasheet HTML 12Page - Intersil Corporation HA-2841883 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Corporation and is for use as application
and design information only. No guarantee is implied.
3-73
HA-2841
POSITIVE OUTPUT SWING vs TEMPERATURE
NEGATIVE OUTPUT SWING vs TEMPERATURE
MAXIMUM UNDISTORTED OUTPUT SWING vs FREQUENCY
TOTAL HARMONIC DISTORTION vs FREQUENCY
INTERMODULATION DISTORTION vs FREQUENCY
(TWO TONE)
DIFFERENTIAL GAIN vs LOAD RESISTANCE
Typical Performance Curves V
SUPPLY = ±15V, AV = +1, RL = 1kΩ, CL ≤ 10pF, TA = +25
oC, Unless Otherwise Specified.
10
5
0
-60
-40
-20
0
+20
+40
+60
+80 +100 +120 +140
TEMPERATURE (oC)
2.5
7.5
12.5
±15V, 75Ω
±15V, 150Ω
±15V, 1kΩ
±8V, 75Ω
±8V, 150Ω
±8V, 1kΩ
-60
-40
-20
0
+20
+40
+60
+80 +100 +120 +140
TEMPERATURE (oC)
-2.5
-7.5
-12.5
-10
-5
0
±8V, 150Ω
±15V, 75Ω
±8V, 75Ω
±15V, 1kΩ
±15V, 150Ω
±8V, 1kΩ
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
25
20
15
10
5
0
VSUPPLY = ±15V
VSUPPLY = ±8V
-20
-30
-40
-50
-60
-70
-80
-90
100K
1M
10M
FREQUENCY (Hz)
VO = 10VP-P
VO = 0.5VP-P
VO = 1VP-P
VO = 2VP-P
-20
-30
-40
-50
-60
-70
-80
-90
500K
1M
10M
FREQUENCY (Hz)
VO = 5VP-P
VO = 2VP-P
VO = 1VP-P
VO = 0.5VP-P
VO = 0.25VP-P
100
200
300
400
500
600
700
800
900
1000
LOAD RESISTANCE (
Ω)
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
VSUPPLY = ±8V
VSUPPLY = ±10V
VSUPPLY = ±15V
Spec Number
511087-883


Similar Part No. - HA-2841883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
More results

Similar Description - HA-2841883

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com