Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA9P2850-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA9P2850-5
Description  470MHz, Low Power, High Slew Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P2850-5 Datasheet(HTML) 7 Page - Intersil Corporation

  HA9P2850-5 Datasheet HTML 1Page - Intersil Corporation HA9P2850-5 Datasheet HTML 2Page - Intersil Corporation HA9P2850-5 Datasheet HTML 3Page - Intersil Corporation HA9P2850-5 Datasheet HTML 4Page - Intersil Corporation HA9P2850-5 Datasheet HTML 5Page - Intersil Corporation HA9P2850-5 Datasheet HTML 6Page - Intersil Corporation HA9P2850-5 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
65 mils x 52 mils x 19 mils
1650
µm x 1310µm x 483µm
METALLIZATION:
Type: Aluminum, 1% Copper
Thickness: 16k
Å
±2kÅ
SUBSTRATE POTENTIAL
V-
PASSIVATION:
Type: Nitride over Silox
Silox Thickness: 12k
Å
±2kÅ
Nitride Thickness: 3.5k
Å
±1kÅ
TRANSISTOR COUNT:
34
PROCESS:
High Frequency Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2850
V-
+IN
-IN
OUT
V+
HA-2850


Similar Part No. - HA9P2850-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P2850-5 INTERSIL-HA9P2850-5 Datasheet
389Kb / 8P
   470MHz, Low Power, High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA9P2850-5 RENESAS-HA9P2850-5 Datasheet
537Kb / 7P
   470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
More results

Similar Description - HA9P2850-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2850 INTERSIL-HA-2850_03 Datasheet
389Kb / 8P
   470MHz, Low Power, High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2850 RENESAS-HA-2850 Datasheet
537Kb / 7P
   470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
logo
Rohm
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com