Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2-5002-5 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA2-5002-5
Description  110MHz, High Slew Rate, High Output Current Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-5002-5 Datasheet(HTML) 4 Page - Intersil Corporation

  HA2-5002-5 Datasheet HTML 1Page - Intersil Corporation HA2-5002-5 Datasheet HTML 2Page - Intersil Corporation HA2-5002-5 Datasheet HTML 3Page - Intersil Corporation HA2-5002-5 Datasheet HTML 4Page - Intersil Corporation HA2-5002-5 Datasheet HTML 5Page - Intersil Corporation HA2-5002-5 Datasheet HTML 6Page - Intersil Corporation HA2-5002-5 Datasheet HTML 7Page - Intersil Corporation HA2-5002-5 Datasheet HTML 8Page - Intersil Corporation HA2-5002-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Schematic Diagram
Application Information
Layout Considerations
The wide bandwidth of the HA-5002 necessitates that high
frequency circuit layout procedures be followed. Failure to
follow these guidelines can result in marginal performance.
Probably the most crucial of the RF/video layout rules is the
use of a ground plane. A ground plane provides isolation and
minimizes distributed circuit capacitance and inductance
which will degrade high frequency performance.
Other considerations are proper power supply bypassing
and keeping the input and output connections as short as
possible which minimizes distributed capacitance and
reduces board space.
Power Supply Decoupling
For optimal device performance, it is recommended that the
positive and negative power supplies be bypassed with
capacitors to ground. Ceramic capacitors ranging in value
from 0.01 to 0.1
µF will minimize high frequency variations in
supply voltage, while low frequency bypassing requires
larger valued capacitors since the impedance of the
capacitor is dependent on frequency.
It is also recommended that the bypass capacitors be
connected close to the HA-5002 (preferably directly to the
supply pins).
Operation at Reduced Supply Levels
The HA-5002 can operate at supply voltage levels as low as
±5V and lower. Output swing is directly affected as well as
slight reductions in slew rate and bandwidth.
Short Circuit Protection
The output current can be limited by using the following circuit:
Capacitive Loading
The HA-5002 will drive large capacitive loads without oscillation
but peak current limits should not be exceeded. Following the
formula I = Cdv/dt implies that the slew rate or the capacitive
load must be controlled to keep peak current below the
maximum or use the current limiting approach as shown. The
HA-5002 can become unstable with small capacitive loads
(50pF) if certain precautions are not taken. Stability is
enhanced by any one of the following: a source resistance in
series with the input of 50
Ω to 1kΩ; increasing capacitive load
to 150pF or greater; decreasing CLOAD to 20pF or less; adding
an output resistor of 10
Ω to 50Ω; or adding feedback
capacitance of 50pF or greater. Adding source resistance
generally yields the best results.
R9
R10
Q25
Q9
Q10
R5
Q11
Q15
Q23
R7
Q21
Q22
Q24
Q27
Q26
R8
Q20
Q18
Q3
R4
R1
Q7
Q4
Q8
R6
R3
R12
Q16
Q14
Q13
R2
RN3
R11
Q5
Q6
Q12
RN1
Q19
RN2
V1-
V2-
OUT
V2+
V1+
Q1
Q2
IN
Q17
OUT
IN
V+
RLIM
RLIM
V1-
V2-
V2+
V1+
V-
IOUTMAX = 200mA
(CONTINUOUS)
R
LIM
V+
I
OUTMAX
--------------------------
V-
I
OUTMAX
--------------------------
==
HA-5002


Similar Part No. - HA2-5002-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5002-5 INTERSIL-HA2-5002-5 Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
More results

Similar Description - HA2-5002-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com