Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4P5033-5 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA4P5033-5
Description  250MHz Video Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4P5033-5 Datasheet(HTML) 8 Page - Intersil Corporation

  HA4P5033-5 Datasheet HTML 1Page - Intersil Corporation HA4P5033-5 Datasheet HTML 2Page - Intersil Corporation HA4P5033-5 Datasheet HTML 3Page - Intersil Corporation HA4P5033-5 Datasheet HTML 4Page - Intersil Corporation HA4P5033-5 Datasheet HTML 5Page - Intersil Corporation HA4P5033-5 Datasheet HTML 6Page - Intersil Corporation HA4P5033-5 Datasheet HTML 7Page - Intersil Corporation HA4P5033-5 Datasheet HTML 8Page - Intersil Corporation HA4P5033-5 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FIGURE 20. POWER SUPPLY REJECTION RATIO vs FREQUENCY
FIGURE 21. TOTAL HARMONIC DISTORTION vs FREQUENCY
FIGURE 22. TOTAL HARMONIC DISTORTION vs INPUT VOLTAGE
FIGURE 23. OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
FIGURE 24. OUTPUT SWING vs FREQUENCY (NOTE)
FIGURE 25. OUTPUT SWING vs FREQUENCY (NOTE)
NOTE:
This curve was obtained by noting the output voltage necessary to produce an observable distortion for a given frequency. If higher distortion is
acceptable, then a higher output voltage for a given frequency can be obtained. However, operating the HA-5033 with increased distortion (to the
right of curve shown), will also be accompanied by an increase in supply current. The resulting increase in chip temperature must be considered
and heat sinking will be necessary to prevent thermal runaway. This characteristic is the result of the output transistor operation. If the signal amplitude
or signal frequency or both are increased beyond the curve shown, the NPN, PNP output transistors will approach a condition of being simultaneously on.
Under this condition, thermal runaway can occur.
Typical Performance Curves (Continued)
FREQUENCY (Hz)
1K
10K
100K
1M
10M
10
20
30
40
50
60
70
VS = ±12V, TA = 25
oC
VS = ±12V, RL = 100Ω
VIN = 1VRMS
FREQUENCY (Hz)
100K
10K
1K
100
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
INPUT VOLTAGE (RMS)
0123
0.01
0.1
1.0
±V = ±12V, RL = 100Ω
VS = ±12V
RL = 100Ω
f = 100kHz
28
24
20
16
12
0
300
600
LOAD RESISTANCE (
Ω)
8
4
500
400
100 200
700 800 900 1K
TA = 25
oC
VS = ±15V
VS = ±12V
VS = ±10V
VS = ±5V
FREQUENCY (Hz)
10K
100K
1M
10M
0.5
3.5
4.0
4.5
5.0
5.5
6.0
100M
1G
3.0
2.5
2.0
1.5
1.0
0
VS = ±15V, RL = 100Ω
NO HEAT SINK IN
FREE AIR
FREQUENCY (Hz)
10K
100K
1M
10M
0.5
3.5
4.0
4.5
5.0
5.5
6.0
VS = ±15V, RL = 1kΩ
100M
1G
NO HEAT SINK
IN FREE AIR
3.0
2.5
2.0
1.5
1.0
0
HA-5033


Similar Part No. - HA4P5033-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4P5002-5 INTERSIL-HA4P5002-5 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
HA4P5002-5 INTERSIL-HA4P5002-5 Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
HA4P5002-5Z INTERSIL-HA4P5002-5Z Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
HA4P5002-5Z INTERSIL-HA4P5002-5Z Datasheet
830Kb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Renesas Technology Corp
HA4P5002-5Z RENESAS-HA4P5002-5Z Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
More results

Similar Description - HA4P5033-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
   350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
   250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
   LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com