Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA9P5002-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA9P5002-5
Description  110MHz, High Slew Rate, High Output Current Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5002-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HA9P5002-5 Datasheet HTML 1Page - Intersil Corporation HA9P5002-5 Datasheet HTML 2Page - Intersil Corporation HA9P5002-5 Datasheet HTML 3Page - Intersil Corporation HA9P5002-5 Datasheet HTML 4Page - Intersil Corporation HA9P5002-5 Datasheet HTML 5Page - Intersil Corporation HA9P5002-5 Datasheet HTML 6Page - Intersil Corporation HA9P5002-5 Datasheet HTML 7Page - Intersil Corporation HA9P5002-5 Datasheet HTML 8Page - Intersil Corporation HA9P5002-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
HA-5002
110MHz, High Slew Rate, High Output
Current Buffer
The HA-5002 is a monolithic, wideband, high slew rate, high
output current, buffer amplifier.
Utilizing the advantages of the Intersil D.I. technologies, the
HA-5002 current buffer offers 1300V/
µs slew rate with
110MHz of bandwidth. The
±200mA output current capability
is enhanced by a 3
Ω output impedance.
The monolithic HA-5002 will replace the hybrid LH0002 with
corresponding performance increases. These characteristics
range from the 3000k
Ω input impedance to the increased
output voltage swing. Monolithic design technologies have
allowed a more precise buffer to be developed with more than
an order of magnitude smaller gain error.
The HA-5002 will provide many present hybrid users with a
higher degree of reliability and at the same time increase
overall circuit performance.
For the military grade product, refer to the HA-5002/883
datasheet, AnswerFAX document #3705.
Features
• Voltage Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.995
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . 3000k
• Low Output Impedance . . . . . . . . . . . . . . . . . . . . . . . . 3
• Very High Slew Rate . . . . . . . . . . . . . . . . . . . . . 1300V/
µs
• Very Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . 110MHz
• High Output Current . . . . . . . . . . . . . . . . . . . . . . .
±200mA
• Pulsed Output Current . . . . . . . . . . . . . . . . . . . . . . 400mA
• Monolithic Construction
Applications
Pinouts
• Line Driver
• Data Acquisition
• 110MHz Buffer
• Radar Cable Driver
• High Power Current Booster
• High Power Current Source
• Sample and Holds
• Video Products
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HA2-5002-2
-55 to 125
8 Pin Metal Can
T8.C
HA2-5002-5
0 to 75
8 Pin Metal Can
T8.C
HA3-5002-5
0 to 75
8 Ld PDIP
E8.3
HA4P5002-5
0 to 75
20 Ld PLCC
N20.35
HA7-5002-2
-55 to 125
8 Ld CERDIP
F8.3A
HA7-5002-5
0 to 75
8 Ld CERDIP
F8.3A
HA9P5002-5
(H50025)
0 to 75
8 Ld SOIC
M8.15
HA9P5002-9
(H50029)
-40 to 85
8 Ld SOIC
M8.15
HA-5002 (PDIP, CERDIP, SOIC)
TOP VIEW
HA-5002 (PLCC)
TOP VIEW
HA-5002 (METAL CAN)
TOP VIEW
NOTE: Case Voltage = Floating
1
2
3
4
8
7
6
5
OUT
V2+
NC
V1-
V1+
V2-
NC
IN
19
3
2
20
1
15
16
17
18
14
9
10
11
12
13
4
5
6
7
8
V2-
NC
NC
NC
NC
V2+
NC
NC
NC
NC
IN
V2-
V2+
OUT
V1+
NC
V1-
NC
2
4
6
1
3
7
5
8
November 1998
File Number
2921.4
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HA9P5002-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P5002-5 INTERSIL-HA9P5002-5 Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
HA9P5002-5Z INTERSIL-HA9P5002-5Z Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
HA9P5002-5Z INTERSIL-HA9P5002-5Z Datasheet
830Kb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Renesas Technology Corp
HA9P5002-5Z RENESAS-HA9P5002-5Z Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
More results

Similar Description - HA9P5002-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com