Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1664-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1664-R
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1664-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1664-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1664-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1664-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
NPN
Transistors
2SD1664
Features
Low VCE(sat)
Compliments to 2SB1132
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
a
B
-r
o
t
c
e
ll
o
C
CBO
40
V
V
e
g
a
tl
o
V
r
e
tt
i
m
E
-r
o
t
c
e
ll
o
C
CEO
32
V
V
e
g
a
tl
o
V
e
s
a
B
-r
e
tt
i
m
E
EBO
5
V
A
1
)
C
D
(
t
n
e
rr
u
C
r
o
t
c
e
ll
o
C
PW
A
2
2
/
1
=
y
t
u
d
,
s
m
0
2
=
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
C
*
0.5
W
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
m
u
J
j
150
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
* mounted on a 40x40x0.7mm ceramic board.
IC
Electrical Characteristics Ta = 25
hFE Classification
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 50 μA, IE= 0
40
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
32
Emitter - base breakdown voltage
VEBO
IE= 50μA
5
Collector-base cut-off current
ICBO
VCB= 20 V , IE= 0
0.5
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.5
Collector-emitter saturation voltage
VCE(sat) IC=500 mA, IB=50mA
0.15
0.4
V
DC current gain
hFE
VCE= 3V, IC= 100mA
82
390
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
15
pF
Transition frequency
fT
VCE= 5V, IC= -50mA,f=100MHz
150
MHz
V
uA
Type
2SD1664-P
2SD1664-Q
2SD1664-R
Range
82-180
120-270
180-390
Marking
DAP*
DAQ*
DAR*


Similar Part No. - 2SD1664-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2SD1664-R YFWDIODE-2SD1664-R Datasheet
942Kb / 4P
   NPN Transistors
More results

Similar Description - 2SD1664-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com