Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7-5102-2 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA7-5102-2
Description  Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-5102-2 Datasheet(HTML) 1 Page - Intersil Corporation

  HA7-5102-2 Datasheet HTML 1Page - Intersil Corporation HA7-5102-2 Datasheet HTML 2Page - Intersil Corporation HA7-5102-2 Datasheet HTML 3Page - Intersil Corporation HA7-5102-2 Datasheet HTML 4Page - Intersil Corporation HA7-5102-2 Datasheet HTML 5Page - Intersil Corporation HA7-5102-2 Datasheet HTML 6Page - Intersil Corporation HA7-5102-2 Datasheet HTML 7Page - Intersil Corporation HA7-5102-2 Datasheet HTML 8Page - Intersil Corporation HA7-5102-2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
File Number
2925.4
HA-5102, HA-5104, HA-5114
Dual and Quad, 8MHz and 60MHz, Low
Noise Operational Amplifiers
Low noise and high performance are key words describing
HA-5102, HA-5104 and HA-5114. These general purpose
amplifiers offer an array of dynamic specifications ranging
from a 3V/
µs slew rate and 8MHz bandwidth (5102/04) to
20V/
µs slew rate and 60MHz gain-bandwidth-product
(HA-5114). Complementing these outstanding parameters is
a very low noise specification of 4.3nV/
√Hz at 1kHz.
Fabricated using the Intersil high frequency DI process,
these operational amplifiers also offer excellent input
specifications such as a 0.5mV offset voltage and 30nA
offset current. Complementing these specifications are
108dB open loop gain and 60dB channel separation.
Consuming a very modest amount of power (90mW/
package for duals and 150mW/package for quads), HA-
5102/04/14 also provide 15mA of output current.
This impressive combination of features make this series of
amplifiers ideally suited for designs ranging from audio
amplifiers and active filters to the most demanding signal
conditioning and instrumentation circuits.
These operational amplifiers are available in dual or quad
form with industry standard pinouts allowing for immediate
interchangeability with most other dual and quad operational
amplifiers.
HA-5102
Dual, Comp.
HA-5104
Quad, Comp.
HA-5114
Quad, Uncomp.
Refer to the /883 data sheet for military product.
Features
• Low Noise. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3nV/
√Hz
• Bandwidth. . . . . . . . . . . . . . . . . . . . 8MHz (Compensated)
60MHz (Uncompensated)
• Slew Rate . . . . . . . . . . . . . . . . . . . . 3V/
µs (Compensated)
20V/
µs (Uncompensated)
• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 0.5mV
• Available in Duals or Quads
Applications
• High Q, Active Filters
• Audio Amplifiers
• Instrumentation Amplifiers
• Integrators
• Signal Generators
• For Further Design Ideas, See Application Note AN554
Pinouts
HA-5102 (PDIP, CERDIP)
TOP VIEW
HA-5104 (PDIP, CERDIP)
HA-5114 (PDIP)
TOP VIEW
HA5104/5114 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO
HA3-5102-5
0 to 75
8 Ld PDIP
E8.3
HA7-5102-2
-55 to 125
8 Ld CERDIP
F8.3A
HA1-5104-2
-55 to 125
14 Ld CERDIP
F14.3
HA1-5104-5
0 to 75
14 Ld CERDIP
F14.3
HA3-5104-5
0 to 75
14 Ld PDIP
E14.3
HA9P5104-9
-40 to 85
16 Ld SOIC
M16.3
HA3-5114-5
0 to 75
14 Ld PDIP
E14.3
HA9P5114-9
-40 to 85
16 Ld SOIC
M16.3
7
6
5
8
2
3
4
1
OUT1
V-
+IN1
-IN1
V+
OUT2
+IN2
-IN2
+
-
+
-
14
8
13
10
11
12
9
1
2
3
4
6
7
5
4
3
OUT1
+IN1
V+
+IN2
OUT2
-IN1
-IN2
OUT4
+IN4
V-
+IN3
OUT3
-IN4
-IN3
1
2
+
-
+
-
+
-
+
-
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NC
OUT4
+IN4
V-
+IN3
OUT3
OUT1
OUT2
+IN1
+IN2
V+
NC
14
23
-IN1
-IN2
-IN4
-IN3
+
-
+
-
+
-
+
-
Data Sheet
April 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HA7-5102-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7-5102-2 INTERSIL-HA7-5102-2 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA7-5102-2 RENESAS-HA7-5102-2 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
More results

Similar Description - HA7-5102-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com