Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7-5137A-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA7-5137A-5
Description  63MHz, Ultra-Low Noise Precision Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-5137A-5 Datasheet(HTML) 7 Page - Intersil Corporation

  HA7-5137A-5 Datasheet HTML 1Page - Intersil Corporation HA7-5137A-5 Datasheet HTML 2Page - Intersil Corporation HA7-5137A-5 Datasheet HTML 3Page - Intersil Corporation HA7-5137A-5 Datasheet HTML 4Page - Intersil Corporation HA7-5137A-5 Datasheet HTML 5Page - Intersil Corporation HA7-5137A-5 Datasheet HTML 6Page - Intersil Corporation HA7-5137A-5 Datasheet HTML 7Page - Intersil Corporation HA7-5137A-5 Datasheet HTML 8Page - Intersil Corporation HA7-5137A-5 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FIGURE 13. AVOL AND VOUT vs LOAD RESISTANCE
FIGURE 14. NORMALIZED SLEW RATE vs TEMPERATURE
FIGURE 15. SUPPLY CURRENT vs TEMPERATURE
FIGURE 16. VOUT MAX (UNDISTORTED SINEWAVE OUTPUT)
vs FREQUENCY
FIGURE 17. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 18. PEAK-TO-PEAK NOISE VOLTAGE (0.1Hz TO 10Hz)
Typical Performance Curves Unless Otherwise Specified: TA = 25oC, VSUPPLY = ±15V (Continued)
TA = 25
oC
LOAD RESISTANCE (k
Ω)
04
6
8
10
17
16
15
13
12
10
7
4
2
14
11
9
8
6
5
AVOL
VOUT
TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
120
100
0.95
0.96
0.97
0.98
0.99
1.0
1.01
1.02
1.03
1.04
1.05
RL = 2K, CL = 50pF, TA = 25
oC
TEMPERATURE (oC)
-55
25
125
2.82
VO = 0V, VS = ±15V
2.80
2.78
2.76
2.74
2.72
2.70
2.68
FREQUENCY (MHz)
0
0.4
0.8
1.2
1.6
2
4
8
12
16
20
24
28
RL = 2K, CL = 50pF, TA = 25
oC
1M
100K
10K
1K
100
100M
0
20
60
80
100
120
140
40
GAIN
PHASE
10M
10
FREQUENCY (Hz)
-180
-135
-90
-45
0
ACL = 25,000V/V
Horizontal Scale = 1s/Div.
Vertical Scale = 0.002
µV/Div., EN = 0.08µVP-P RTI
HA-5137A


Similar Part No. - HA7-5137A-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA7-5137A-5 RENESAS-HA7-5137A-5 Datasheet
883Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
More results

Similar Description - HA7-5137A-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5137A RENESAS-HA-5137A Datasheet
883Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Intersil Corporation
HA-5127883 INTERSIL-HA-5127883_06 Datasheet
193Kb / 6P
   Ultra Low Noise, Precision Operational Amplifier
HA-5127883 INTERSIL-HA-5127883 Datasheet
124Kb / 5P
   Ultra Low Noise, Precision Operational Amplifier
HA-5137 INTERSIL-HA-5137 Datasheet
100Kb / 8P
   60MHz, Ultra Low Noise, Precision Operational Amplifier
June 1998
HA-5127 INTERSIL-HA-5127 Datasheet
570Kb / 9P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
September 1998
HA-5127 INTERSIL-HA-5127_05 Datasheet
653Kb / 9P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
logo
Renesas Technology Corp
HA-5127 RENESAS-HA-5127 Datasheet
1Mb / 12P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com