Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5147 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA-5147
Description  120MHz, Ultra-Low Noise Precision Operational Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5147 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA-5147 Datasheet HTML 3Page - Intersil Corporation HA-5147 Datasheet HTML 4Page - Intersil Corporation HA-5147 Datasheet HTML 5Page - Intersil Corporation HA-5147 Datasheet HTML 6Page - Intersil Corporation HA-5147 Datasheet HTML 7Page - Intersil Corporation HA-5147 Datasheet HTML 8Page - Intersil Corporation HA-5147 Datasheet HTML 9Page - Intersil Corporation HA-5147 Datasheet HTML 10Page - Intersil Corporation HA-5147 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FIGURE 13. SUPPLY CURRENT vs TEMPERATURE
FIGURE 14. VOUT MAX (UNDISTORTED SINEWAVE OUTPUT)
vs FREQUENCY
FIGURE 15. CLOSED LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 16. PEAK-TO-PEAK NOISE VOLTAGE (0.1Hz TO 10Hz)
Typical Performance Curves TA = 25oC, VSUPPLY = ±15V, Unless Otherwise Specified (Continued)
TEMPERATURE (oC)
-55
25
125
2.82
VO = 0V, VS = ±15V
2.80
2.78
2.76
2.74
2.72
2.70
2.68
FREQUENCY (MHz)
0
0.4
0.8
1.2
1.6
2
4
16
20
24
28
12
8
RL = 2K, CL = 50pF, TA = 25
oC
FREQUENCY (Hz)
1K
10K
100K
1M
10M
0
20
30
100M
180
90
0
40
10
GAIN
PHASE
RL = 2K, CL = 50pF, TA = 25
oC
ACL = 25,000V/V; EN = 0.08µVP-P RTI
Horizontal Scale = 1s/Div.; Vertical Scale = 0.002
µV/Div.
HA-5147


Similar Part No. - HA-5147

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
Intersil Corporation
HA-5147/883 INTERSIL-HA-5147/883 Datasheet
390Kb / 9P
   100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
   100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
More results

Similar Description - HA-5147

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com