Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8618 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8618
Description  Precision, 20 MHz, CMOS, Rail-to-Rail
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8618 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8618_15 Datasheet HTML 3Page - Analog Devices AD8618_15 Datasheet HTML 4Page - Analog Devices AD8618_15 Datasheet HTML 5Page - Analog Devices AD8618_15 Datasheet HTML 6Page - Analog Devices AD8618_15 Datasheet HTML 7Page - Analog Devices AD8618_15 Datasheet HTML 8Page - Analog Devices AD8618_15 Datasheet HTML 9Page - Analog Devices AD8618_15 Datasheet HTML 10Page - Analog Devices AD8618_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8615/AD8616/AD8618
1M
10M
100
80
60
40
20
0
–20
–40
–60
–80
–100
225
180
135
90
45
0
–45
–90
–135
–180
–225
VS = ±2.5V
TA = 25°C
Øm = 63°
60M
FREQUENCY (Hz)
Figure 12. Open-Loop Gain and Phase vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = 5.0V
VIN = 4.9V p-p
TA = 25°C
RL = 2kΩ
AV = 1
Figure 13. Closed-Loop Output Voltage Swing vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = 100
AV = 1
AV = 10
VS = ±2.5V
Figure 14. Output Impedance vs. Frequency
0
20
40
60
80
100
120
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±2.5V
Figure 15. CMRR vs. Frequency
0
20
40
60
80
100
120
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±2.5V
Figure 16. PSRR vs. Frequency
5
0
10
15
20
25
30
35
40
45
50
CAPACITANCE (pF)
10
100
1000
VS = 5V
RL = ∞
TA = 25°C
AV = 1
+OS
–OS
Figure 17. Small-Signal Overshoot vs. Load Capacitance
Rev. G | Page 7 of 20


Similar Part No. - AD8618_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8618AR AD-AD8618AR Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8618AR AD-AD8618AR Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8618AR AD-AD8618AR Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR AD-AD8618AR Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
More results

Similar Description - AD8618_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8615 AD-AD8615_15 Datasheet
449Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail
Rev. G
AD8616 AD-AD8616_15 Datasheet
449Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail
Rev. G
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8601 AD-AD8601_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
AD8606 AD-AD8606_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8602 AD-AD8602_15 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com