Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8626 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8626
Description  Single-Supply JFET Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8626_15 Datasheet HTML 2Page - Analog Devices AD8626_15 Datasheet HTML 3Page - Analog Devices AD8626_15 Datasheet HTML 4Page - Analog Devices AD8626_15 Datasheet HTML 5Page - Analog Devices AD8626_15 Datasheet HTML 6Page - Analog Devices AD8626_15 Datasheet HTML 7Page - Analog Devices AD8626_15 Datasheet HTML 8Page - Analog Devices AD8626_15 Datasheet HTML 9Page - Analog Devices AD8626_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8625/AD8626/AD8627
Data Sheet
Rev. F | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VOLTAGE (
µV)
25
20
0
–600
–400
–200
0
200
400
600
15
10
5
VSY = ±12V
TA = 25°C
Figure 2. Input Offset Voltage
OFFSET VOLTAGE (
µV/°C)
12
0
0
1
2
3
4
5
6
7
8
9
10
6
4
2
8
10
VSY = ±13V
Figure 3. Offset Voltage Drift
VOLTAGE (
µV)
18
16
14
12
10
8
6
4
2
0
–400
–300
–200
–100
0
100
200
300
VSY = +3.5V/–1.5V
Figure 4. Input Offset Voltage
OFFSET VOLTAGE (
µV/°C)
16
14
12
10
8
6
4
2
0
0
1
2
3
4
5
6
7
8
9
10
VSY = +3.5V/–1.5V
Figure 5. Offset Voltage Drift
VCM (V)
50
–50
–40
–30
–20
–10
0
10
20
30
40
–15.0–12.5–10.0 –7.5 –5.0 –2.5
0
2.5
5.0
7.5 10.0 12.5 15.0
VSY = ±13V
TA = 25°C
Figure 6. Input Bias Current vs. VCM
VCM (V)
–0.9
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–15.0–12.5–10.0 –7.5 –5.0 –2.5
0
2.5
5.0
7.5 10.0 12.5 15.0
VSY = ±13V
TA = 25°C
Figure 7. Input Bias Current vs. VCM


Similar Part No. - AD8626_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8626AR AD-AD8626AR Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626AR-REEL AD-AD8626AR-REEL Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626AR-REEL7 AD-AD8626AR-REEL7 Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626ARM-R2 AD-AD8626ARM-R2 Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626ARM-REEL AD-AD8626ARM-REEL Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
More results

Similar Description - AD8626_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8627 AD-AD8627_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8625 AD-AD8625_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8532 AD-AD8532_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
AD8531 AD-AD8531_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
78Kb / 8P
   JFET Amplifiers
November, 2001 ??Rev. 3
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
   General purpose JFET single operational amplifiers
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com