Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8647 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8647
Description  24 MHz Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8647 Datasheet(HTML) 2 Page - Analog Devices

  AD8647_15 Datasheet HTML 1Page - Analog Devices AD8647_15 Datasheet HTML 2Page - Analog Devices AD8647_15 Datasheet HTML 3Page - Analog Devices AD8647_15 Datasheet HTML 4Page - Analog Devices AD8647_15 Datasheet HTML 5Page - Analog Devices AD8647_15 Datasheet HTML 6Page - Analog Devices AD8647_15 Datasheet HTML 7Page - Analog Devices AD8647_15 Datasheet HTML 8Page - Analog Devices AD8647_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8646/AD8647/AD8648
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configurations ........................................................................... 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution...................................................................................6
Typical Performance Characteristics ..............................................7
Theory of Operation ...................................................................... 15
Power-Down Operation ............................................................ 15
Multiplexing Operation............................................................. 15
Outline Dimensions....................................................................... 16
Ordering Guide .......................................................................... 18
REVISION HISTORY
3/14—Rev. D to Rev. E
Changes to Differential Input Voltage, Table 3............................. 6
4/10—Rev. C to Rev. D
Changes to Features Section and General Description Section . 1
Updated Outline Dimensions....................................................... 16
Changes to Ordering Guide Section ............................................ 18
Revision History: AD8646/AD8647/AD8648
2/09—Rev. B to Rev. C
Change to Supply Current Shutdown Mode (AD8647 Only)
Parameter, Table 1............................................................................. 3
Change to Supply Current Shutdown Mode (AD8647 Only)
Parameter, Table 2............................................................................. 5
Added Figure 50; Renumbered Sequentially .............................. 15
Updated Outline Dimensions....................................................... 16
Changes to Ordering Guide .......................................................... 18
10/07—Revision B: Initial Combined Version
Revision History: AD8646
10/07—Rev. 0 to Rev. B
Combined with AD8648....................................................Universal
Added AD8647 ...................................................................Universal
Deleted Figure 4 and Figure 7......................................................... 7
Deleted Figure 33............................................................................ 11
8/07—Revision 0: Initial Version
Revision History: AD8648
10/07—Rev. A to Rev. B
Combined with AD8646 ...................................................Universal
Added AD8647 ...................................................................Universal
Deleted Figure 7.................................................................................6
Deleted Figure 11...............................................................................7
Deleted Figure 16 and Figure 17 .....................................................8
Deleted Figure 24...............................................................................9
Deleted Figure 27, Figure 28, Figure 31, and Figure 32 ............ 10
6/07—Rev. 0 to Rev. A
Changes to General Description .....................................................1
Updated Outline Dimensions....................................................... 12
Changes to Ordering Guide.......................................................... 12
1/06—Revision 0: Initial Version
Rev. E | Page 2 of 20


Similar Part No. - AD8647_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8647ARMZ AD-AD8647ARMZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8647ARMZ AD-AD8647ARMZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8647ARMZ-R2 AD-AD8647ARMZ-R2 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8647ARMZ-REEL AD-AD8647ARMZ-REEL Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8647ARMZ-REEL AD-AD8647ARMZ-REEL Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
More results

Similar Description - AD8647_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8648 AD-AD8648_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com