Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5222883 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA-5222883
Description  Dual, Low Noise, Wideband, Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5222883 Datasheet(HTML) 6 Page - Intersil Corporation

  HA-5222883 Datasheet HTML 1Page - Intersil Corporation HA-5222883 Datasheet HTML 2Page - Intersil Corporation HA-5222883 Datasheet HTML 3Page - Intersil Corporation HA-5222883 Datasheet HTML 4Page - Intersil Corporation HA-5222883 Datasheet HTML 5Page - Intersil Corporation HA-5222883 Datasheet HTML 6Page - Intersil Corporation HA-5222883 Datasheet HTML 7Page - Intersil Corporation HA-5222883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Harris Semiconductor and is for use as application
and design information only. No guarantee is implied.
3-174
HA-5222
Typical Performance Curves Unless Otherwise Specified: T
A = +25
oC, V
SUPPLY = ±15V
SUPPLY CURRENT/AMPLIFIER vs TEMPERATURE
CHANNEL SEPARATION vs FREQUENCY
TYPICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: Supply Voltage =
±15V, R
L = 1kΩ, CL = 50pF, Unless Otherwise Specified
PARAMETERS
CONDITIONS
TEMPERATURE
TYPICAL
UNITS
Input Offset Voltage
See Table 1
+25oC
0.30
mV
Full
0.35
mV
Average Offset Voltage Drift
See Table 1
Full
0.50
µV/oC
Input Bias Current
See Table 1
+25oC40
nA
Full
70
nA
Input Offset Current
See Table 1
+25oC15
nA
Full
30
nA
Differential Input Resistance
See Table 1
+25oC70
k
Input Noise Voltage
fO = 0.1Hz to 10Hz
+25oC
0.33
µV
P-P
Input Noise Voltage Density
fO = 10Hz
+25oC
6.4
nV/
√Hz
fO = 100Hz
+25oC
3.7
nV/
√Hz
fO = 1kHz
+25oC
3.3
nV/
√Hz
Input Noise Current Density
fO = 10Hz
+25oC
8
pA/
√Hz
fO = 100Hz
+25oC
2.7
pA/
√Hz
fO = 1kHz
+25oC
1.3
pA/
√Hz
THD & N
See Note 1
+25oC
0.005
%
Large Signal Voltage Gain
VOUT = 0V to ±10V
+25oC
128
dB
Full
120
dB
Spec Number
511062-883


Similar Part No. - HA-5222883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
More results

Similar Description - HA-5222883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com