Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8668 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8668
Description  16 V, 4 MHz RR0 Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8668 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8668_15 Datasheet HTML 7Page - Analog Devices AD8668_15 Datasheet HTML 8Page - Analog Devices AD8668_15 Datasheet HTML 9Page - Analog Devices AD8668_15 Datasheet HTML 10Page - Analog Devices AD8668_15 Datasheet HTML 11Page - Analog Devices AD8668_15 Datasheet HTML 12Page - Analog Devices AD8668_15 Datasheet HTML 13Page - Analog Devices AD8668_15 Datasheet HTML 14Page - Analog Devices AD8668_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8665/AD8666/AD8668
Rev. B | Page 11 of 16
Figure 37. Negative Overload Recovery Time
Figure 38. Supply Current vs. Temperature
Figure 39. Supply Current vs. Supply Voltage
Figure 40. No Output Phase Reversal
TIME (4µs/DIV)
100mV
0V
0V
–2.5V
VDD = ±2.5V
AV = –100
VOUT
VIN
2.0
0
–40
120
TEMPERATURE (°C)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–20
0
20
40
60
80
100
VOUT = VDD/2
VDD = 16V
VDD = 5V
2.00
0
0
16
SUPPLY VOLTAGE (V)
1.75
1.50
1.25
1.00
0.75
0.50
0.25
2
4
6
8
10
12
14
TIME (10µs/DIV)
VOUT
VIN
10
–10
8
6
4
2
0
–2
–4
–6
–8
VDD = ±8V
AV = +1


Similar Part No. - AD8668_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8668ARUZ AD-AD8668ARUZ Datasheet
524Kb / 16P
   16 V, 4 MHz Rail-to-Rail Output Amplifiers
REV. A
AD8668ARUZ AD-AD8668ARUZ Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8668ARUZ-REEL AD-AD8668ARUZ-REEL Datasheet
524Kb / 16P
   16 V, 4 MHz Rail-to-Rail Output Amplifiers
REV. A
AD8668ARUZ-REEL AD-AD8668ARUZ-REEL Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8668ARZ AD-AD8668ARZ Datasheet
524Kb / 16P
   16 V, 4 MHz Rail-to-Rail Output Amplifiers
REV. A
More results

Similar Description - AD8668_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8666 AD-AD8666_15 Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8666ARMZ AD-AD8666ARMZ Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665 AD-AD8665_15 Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665 AD-AD8665 Datasheet
524Kb / 16P
   16 V, 4 MHz Rail-to-Rail Output Amplifiers
REV. A
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
logo
Texas Instruments
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
[Old version datasheet]   16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com