Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA9P5320-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA9P5320-5
Description  1 Microsecond Precision Sample and Hold Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5320-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HA9P5320-5 Datasheet HTML 1Page - Intersil Corporation HA9P5320-5 Datasheet HTML 2Page - Intersil Corporation HA9P5320-5 Datasheet HTML 3Page - Intersil Corporation HA9P5320-5 Datasheet HTML 4Page - Intersil Corporation HA9P5320-5 Datasheet HTML 5Page - Intersil Corporation HA9P5320-5 Datasheet HTML 6Page - Intersil Corporation HA9P5320-5 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
2857.4
HA-5320
1 Microsecond Precision Sample and
Hold Amplifier
The HA-5320 was designed for use in precision, high speed
data acquisition systems.
The circuit consists of an input transconductance amplifier
capable of providing large amounts of charging current, a low
leakage analog switch, and an output integrating amplifier. The
analog switch sees virtual ground as its load; therefore, charge
injection on the hold capacitor is constant over the entire
input/output voltage range. The pedestal voltage resulting from
this charge injection can be adjusted to zero by use of the offset
adjust inputs. The device includes a hold capacitor. However, if
improved droop rate is required at the expense of acquisition
time, additional hold capacitance may be added externally.
This monolithic device is manufactured using the Intersil
Dielectric Isolation Process, minimizing stray capacitance
and eliminating SCRs. This allows higher speed and latch-
free operation. For further information, please see
Application Note AN538.
Pinouts
HA-5320
(PDIP, CERDIP)
TOP VIEW
HA-5320
(SOIC)
TOP VIEW
Features
• Gain, DC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 x 106 V/V
• Acquisition Time . . . . . . . . . . . . . . . . . . . . . 1.0
µs (0.01%)
• Droop Rate . . . . . . . . . . . . . . . . . . . . . . 0.08
µV/µs (25oC)
17
µV/µs (Full Temperature)
• Aperture Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
• Hold Step Error (See Glossary) . . . . . . . . . . . . . . . . . 5mV
• Internal Hold Capacitor
• Fully Differential Input
• TTL Compatible
Applications
• Precision Data Acquisition Systems
• Digital to Analog Converter Deglitcher
• Auto Zero Circuits
• Peak Detector
Functional Diagram
-INPUT
+INPUT
OFFSET ADJUST
OFFSET ADJUST
V-
SIG. GND
OUTPUT
S/H CONTROL
SUPPLY GND
NC
NC
V+
INTEGRATOR
1
2
3
4
5
6
7
14
13
12
11
10
9
8
BANDWIDTH
CEXT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
-INPUT
+INPUT
OFFSET ADJUST
OFFSET ADJUST
V-
SIG. GND
NC
OUTPUT
S/H CONTROL
NC
NC
V+
INTEGRATOR
NC
SUPPLY GND
BANDWIDTH
CEXT
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA1-5320-2
-55 to 25
14 Ld CERDIP
F14.3
HA1-5320-5
0 to 75
14 Ld CERDIP
F14.3
HA3-5320-5
0 to 75
14 Ld PDIP
E14.3
HA9P5320-5
0 to 75
16 Ld SOIC
M16.3
HA9P5320-9
-40 to 85
16 Ld SOIC
M16.3
+
9
100pF
OFFSET
ADJUST
3
4
V+
OUTPUT
HA-5320
-INPUT
+INPUT
1
2
CONTROL
S/H
SUPPLY
GND
V-
CEXT
SIG.
GND
INTEGRATOR
BANDWIDTH
14
-
13
5
6
8
11
7
Data Sheet
April 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HA9P5320-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P5320-5 INTERSIL-HA9P5320-5 Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
HA9P5320-5Z INTERSIL-HA9P5320-5Z Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
HA9P5320-5Z INTERSIL-HA9P5320-5Z Datasheet
316Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
August 11, 2015
logo
Renesas Technology Corp
HA9P5320-5Z RENESAS-HA9P5320-5Z Datasheet
541Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
More results

Similar Description - HA9P5320-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320_05 Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Renesas Technology Corp
HA-5320 RENESAS-HA-5320 Datasheet
541Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5320-2 INTERSIL-HA1-5320-2 Datasheet
316Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
August 11, 2015
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
   650ns Precision Sample and Hold Amplifier
September 1998
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
   650ns Precision Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com