Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2557 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA2557
Description  Wideband Four Quadrant Analog Multiplier (Current Output)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2557 Datasheet(HTML) 5 Page - Intersil Corporation

  HA2557 Datasheet HTML 1Page - Intersil Corporation HA2557 Datasheet HTML 2Page - Intersil Corporation HA2557 Datasheet HTML 3Page - Intersil Corporation HA2557 Datasheet HTML 4Page - Intersil Corporation HA2557 Datasheet HTML 5Page - Intersil Corporation HA2557 Datasheet HTML 6Page - Intersil Corporation HA2557 Datasheet HTML 7Page - Intersil Corporation HA2557 Datasheet HTML 8Page - Intersil Corporation HA2557 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
8-16
HA2557/883
Test Circuits
Burn-In Circuit
HA-2557/883 CERAMIC DIP
FIGURE 1. AC AND TRANSIENT RESPONSE TEST CIRCUIT
VY TRANSIENT RESPONSE
Vertical Scale: Top 5V/Div.
Bottom: 100mV/Div.
Horizontal Scale: 20ns/Div.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
+15V
VOUT
NC
NC
NC
-15V
50
NC
VY+
VX+
REF
NC
NC
NC
NC
X
Y
X
NC
NC
VY+
- 15.5V
IOUT
+15.5 V
VX+
NC
NC
0.01
µF
NC
NC
RZ
NC
±0.5V
±0.5V
0.01
µF
D2
D1
D1 = D2 = 1N4002 OR EQUIVALENT (PER BOARD)
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
REF
X
X
Y
Spec Number
511064-883


Similar Part No. - HA2557

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2556/883 INTERSIL-HA2556/883 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2556883 INTERSIL-HA2556883 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
More results

Similar Description - HA2557

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com