Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1-2557883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA1-2557883
Description  Wideband Four Quadrant Analog Multiplier (Current Output)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2557883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA1-2557883 Datasheet HTML 1Page - Intersil Corporation HA1-2557883 Datasheet HTML 2Page - Intersil Corporation HA1-2557883 Datasheet HTML 3Page - Intersil Corporation HA1-2557883 Datasheet HTML 4Page - Intersil Corporation HA1-2557883 Datasheet HTML 5Page - Intersil Corporation HA1-2557883 Datasheet HTML 6Page - Intersil Corporation HA1-2557883 Datasheet HTML 7Page - Intersil Corporation HA1-2557883 Datasheet HTML 8Page - Intersil Corporation HA1-2557883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8-12
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HA2557/883
Wideband Four Quadrant Analog
Multiplier (Current Output)
Description
The HA-2557/883 is a monolithic, high speed, four quadrant,
analog multiplier constructed in Intersil’ Dielectrically Iso-
lated High Frequency Process. The single-ended current
output of the HA-2557/883 has a 130MHz signal bandwidth
(RL = 50Ω). High bandwidth and low distortion make this part
an ideal component in video systems.
The suitability for precision video applications is demon-
strated further by low multiplication error (1.5%), low
feedthrough (-52dB), and differential inputs with low bias cur-
rents (8
µA). The HA-2557/883 is also well suited for mixer
circuits as well as AGC applications for sonar, radar, and
medical imaging equipment.
The current output of the HA-2557/883 allows it to achieve
higher bandwidths than voltage output multipliers. Full scale out-
put current is trimmed to 1.6mA. An internal 2500
Ω feedback
resistor is also provided to accurately convert the current, if
desired, to a full scale output voltage of
±4V. The HA-2557/883 is
not limited to multiplication applications only; frequency doubling,
power detection, as well as many other configurations are also
possible.
Ordering Information
PART NUMBER
TEMPERATURE
RANGE
PACKAGE
HA1-2557/883
-55oC to +125oC
16 Lead CerDIP
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Multiplication Error . . . . . . . . . . . . . . . . 1.5% (Typ)
• Input Bias Currents . . . . . . . . . . . . . . . . . . . . . 8
µA (Typ)
• Signal Input Feedthrough at 5MHz. . . . . . . -52dB (Typ)
• Wide Y Channel Bandwidth . . . . . . . . . . 130MHz (Typ)
• Wide X Channel Bandwidth . . . . . . . . . . . 75MHz (Typ)
• Rise Time (RL = 50Ω) . . . . . . . . . . . . . . . . . . . . 7ns (Typ)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . 17mA (Max)
Applications
• Military Avionics
• Missile Guidance Systems
• Medical Imaging Displays
• Video Mixers
• Sonar AGC Processors
• Radar Signal Conditioning
• Voltage Controlled Amplifier
• Vector Generator
July 1994
Pinout
HA-2557/883
(CERDIP)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VREF
VYIOB
VYIOA
VXIOA
REF
NC
VXIOB
NC
X
IOUT
RZ
GND
VY+
VY-
V-
V+
VX-
VX+
X
Y
Schematic
VYIOB
VY+
V+
VBIAS
RZ
IOUT
VXIOA
REF
GND
VBIAS
VX+
YY-
VX-
VXIOB
VYIOA
V-
+
-
Spec Number
511064-883
File Number
3638


Similar Part No. - HA1-2557883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA1-2556/883 INTERSIL-HA1-2556/883 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA1-2556883 INTERSIL-HA1-2556883 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
More results

Similar Description - HA1-2557883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com