Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP123135(-RC) Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP123135(-RC)
Description  8 Pin Single-in Line Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP123135(-RC) Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP123135(-RC) Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
8 Pin Single-in Line Passive Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EP123XXX & EP123XXX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS123XXX & -RC
Rev. 1
8/17/06 RR
Add “-RC” after part number for RoHS Compliant
Delays
(nS)
0.0 ± 0.25
0.5 ± 0.25
1.0 ± 0.25
1.5 ± 0.25
2.0 ± 0.25
2.5 ± 0.25
3.0 ± 0.25
3.5 ± 0.25
4.0 ± 0.25
4.5 ± 0.25
5.0 ± 0.25
5.5 ± 0.25
6.0 ± 0.25
6.5 ± 0.25
7.0 ± 0.25
7.5 ± 0.25
8.0 ± 0.25
8.5 ± 0.25
Recommended Operating Conditions Min.
Max.
Unit
PW*
Pulse Width % of Total Delay
D*
Duty Cycle
TA
Operating Free-Air Temperature
200
0
40
+70
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
VIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Input Rise Time (10-90%)
PRR Pulse Repetition Rate @ Td ≤ 150 nS
Pulse Repetition Rate @ Td > 150 nS
3.0
300
2.0
1.0
300
Unit
Volts
%
nS
MHz
KHz
Notes :
2. Peak Temperature Rating
(Wave Solder Process Only)
4. Weight
1. Lead Finish
5. Packaging Information
(Tube)
EP123XXX-RC
260°C
0.9 grams
Hot Tin Dip (Sn)
TBD pieces/tube
EP123XXX
260°C
0.9 grams
SnPb
TBD pieces/tube
EP123119(-RC)
EP123120(-RC)
EP123121(-RC)
EP123123(-RC)
EP123125(-RC)
EP123127(-RC)
EP123129(-RC)
EP123131(-RC)
EP123133(-RC)
EP123135(-RC)
EP123137(-RC)
EP123139(-RC)
EP123141(-RC)
EP123146(-RC)
EP123151(-RC)
EP123156(-RC)
EP123161(-RC)
EPA594(-RC)
PCA
Part
Number
Zo
(± 10%)
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Rise Time
(nS Max.)
[Calculated]
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
DCR
(
Ω Max.)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Zo
(± 10%)
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Rise Time
(nS Max.)
[Calculated]
1.9
2.0
2.0
2.2
2.3
2.5
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.5
5.5
6.4
7.4
8.0
DC Electrical Characteristics
Unit
Distortion
Temperature Coefficient of Delay
Insulation Resistance @ 100 Vdc
Dielectric Strength
± 10
100
---
100
%
PPM/°C
Meg
Vdc
---
---
1000
---
Max.
Min.
PCA
Part
Number
EP123101(-RC)
EP123102(-RC)
EP123103(-RC)
EP123104(-RC)
EP123105(-RC)
EP123106(-RC)
EP123107(-RC)
EP123108(-RC)
EP123109(-RC)
EP123110(-RC)
EP123111(-RC)
EP123112(-RC)
EP123113(-RC)
EP123114(-RC)
EP123115(-RC)
EP123116(-RC)
EP123117(-RC)
EP123118(-RC)
Delays
(nS)
9.0 ± 0.25
9.5 ± 0.25
10.0 ± 0.25
11.0 ± 0.25
12.0 ± 0.25
13.0 ± 0.25
14.0 ± 0.25
15.0 ± 0.25
16.0 ± 0.25
17.0 ± 0.25
18.0 ± 0.25
19.0 ± 0.25
20.0 ± 0.50
25.0 ± 0.50
30.0 ± 0.50
35.0 ± 0.50
40.0 ± 0.50
45.0 ± 1.00
DCR
(
Ω Max.)
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
4.0
4.5
5.5
6.0
6.5
Schematic
1
Ground
7
2
In/Out
In/Out
8
Package
.120
Min.
(3.05)
.020
Typ.
(.508)
.250 Max.
(6.35)
.200
Max.
(5.08)
PCA EP123111
Date Code
.010
Typ.
(.254)
.020
Typ.
(.508)
.100
Typ.
(2.54)
.500
(12.70)
.125
Typ.
(3.18)
.800
(20.32)
5.0 nS
Out G
In
G
Pin 1 I.D. (On Top)


Similar Part No. - EP123135(-RC)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP123135 PCA-EP123135 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
EP123135-RC PCA-EP123135-RC Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
More results

Similar Description - EP123135(-RC)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP123101 PCA-EP123101 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
EP9793-0.0 PCA-EP9793-0.0 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP9793-XX PCA-EP9793-XX_15 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EPA3643-0.0 PCA-EPA3643-0.0 Datasheet
37Kb / 1P
   7 Pin Single-in-Line Passive Delay Lines
EPA572-5A PCA-EPA572-5A Datasheet
15Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP1206XX PCA-EP1206XX_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP120650 PCA-EP120650 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP6700 PCA-EP6700_15 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
EPA572 PCA-EPA572_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP6700-1 PCA-EP6700-1 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com