Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4344B Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA4344B
Description  350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4344B Datasheet(HTML) 4 Page - Intersil Corporation

  HA4344B Datasheet HTML 1Page - Intersil Corporation HA4344B Datasheet HTML 2Page - Intersil Corporation HA4344B Datasheet HTML 3Page - Intersil Corporation HA4344B Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice.
Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reli-
able. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HA4344B
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above
the seating plane, shall not exceed a maximum value of 0.61mm
(0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions are
not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
α
M16.15 (JEDEC MS-012-AC ISSUE C)
16 LEAD NARROW BODY SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.3859
0.3937
9.80
10.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N16
16
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - HA4344B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Renesas Technology Corp
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344BCB INTERSIL-HA4344BCB Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Renesas Technology Corp
HA4344BCB RENESAS-HA4344BCB Datasheet
293Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344BCBZ INTERSIL-HA4344BCBZ Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
More results

Similar Description - HA4344B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Renesas Technology Corp
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4244 INTERSIL-HA4244 Datasheet
145Kb / 6P
   480MHz, 1 x 1 Video Crosspoint Switch with Synchronous Enable
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Renesas Technology Corp
HA4404B RENESAS-HA4404B Datasheet
531Kb / 9P
   330MHz, 4 x 1 Video Crosspoint Switch With Tally Outputs
logo
Intersil Corporation
HA4404B INTERSIL-HA4404B_03 Datasheet
282Kb / 9P
   330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
HA4404B INTERSIL-HA4404B Datasheet
95Kb / 9P
   330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
July 1998
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
   480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Intersil Corporation
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com