Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP6700-18 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP6700-18
Description  14 Pin Single-in-Line Package Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP6700-18 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP6700-18 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Dimensions
Schematic
DC Electrical Characteristics
Min
Max
Unit
Distortion
±10
%
Temperature Coefficient of Delay
100
PPM/°C
Insulation Resistance @ 100 Vdc
1K
Meg Ohms
Dielectric Strength
100
Vdc
Input Pulse Test Conditions @ 25°C
VIN
Pulse Input Voltage
3 Volts
PW
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (10 - 90%)
2.0 nS
PRR
Pulse Repetition Rate @ Td
≤ 150 nS
1.0 MHz
Pulse Repetition Rate @ Td > 150 nS
300 KHz
Recommended Operating
Conditions
Min
Max
Unit
PW*
Pulse Width % of Total Delay
200
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
0
70
°C
*These two values are inter-dependent.
14 Pin Single-in-Line Package Passive Delay Lines
±2 nS†
±2 nS†
Zo
DELAY
TAP
RISE
DCR
PCA
OHMS
nS ±5%
DELAYS
TIME
OHMS
PART
±10%
or
±5% or
nS
Max.
NUMBER
±2 nS†
Max.
50
10
1 ±0.5
2
1
EP6700-1
50
20
2 ±0.5
4
1
EP6700-2
50
30
3 ±0.5
6
1
EP6700-3
50
40
4 ±0.5
8
1
EP6700-4
50
50
5 ±1.0
10
1
EP6700-5
50
60
6 ±1.0
12
2
EP6700-6
50
70
7 ±1.0
14
2
EP6700-7
50
80
8 ±1.0
16
2
EP6700-8
50
90
9 ±1.0
18
2
EP6700-9
50
100
10
20
2
EP6700-10
†Whichever is greater.
Optional: Output internally terminated, add "T" after PCA P/N; ex. EP6700-IT
Zo
DELAY
TAP
RISE
DCR
PCA
OHMS
nS ±5%
DELAYS
TIME
OHMS
PART
±10%
or
±5% or
nS
Max.
NUMBER
±2 nS†
Max.
100
20
2 ±0.5
4
4
EP6700-11
100
40
4 ±0.5
8
4
EP6700-12
100
60
6 ±1.0
12
4
EP6700-13
100
80
8 ±1.0
16
4
EP6700-14
100
100
10
20
4
EP6700-15
100
120
12
24
6
EP6700-16
100
140
14
28
6
EP6700-17
100
160
16
32
6
EP6700-18
100
180
18
36
6
EP6700-19
100
200
20
40
6
EP6700-20
DSD6700
Rev. B
2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
.022
Typ.
1.465 Max.
.100 Typ.
.135 Min.
.015
Min.
.010
Typ.
.215
Max
PCA
EP6700-1
Date Code
C
L
.375
Max.
5
6
7
8
9
10 11 12
13
4
3
1
OUT
GROUND
IN
14


Similar Part No. - EP6700-18

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP6700-18 PCA-EP6700-18 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
More results

Similar Description - EP6700-18

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP6700-1 PCA-EP6700-1 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
EPA572-5A PCA-EPA572-5A Datasheet
15Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP1206XX PCA-EP1206XX_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP120650 PCA-EP120650 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EPA572 PCA-EPA572_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP123101 PCA-EP123101 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
EP9793-0.0 PCA-EP9793-0.0 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP9793-XX PCA-EP9793-XX_15 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EPA3643-0.0 PCA-EPA3643-0.0 Datasheet
37Kb / 1P
   7 Pin Single-in-Line Passive Delay Lines
EP123XXX PCA-EP123XXX_15 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com