Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9458-125 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9458-125
Description  8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9458-125 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9458-125 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible
Active Delay Lines
Delays are ±5% or ±2 nS†
DIP Part
DIL Part
Tap
Total
Number
Number
5, 10, 15, 20
25
EP9458-25
EP9458-25W
6, 12, 18, 24
30
EP9458-30
EP9458-30W
7, 14, 21, 28
35
EP9458-35
EP9458-35W
8, 16, 24, 32
40
EP9458-40
EP9458-40W
9, 18, 27, 36
45
EP9458-45
EP9458-45W
10, 20, 30, 40
50
EP9458-50
EP9458-50W
12, 24, 36, 48
60
EP9458-60
EP9458-60W
15, 30, 45, 60
75
EP9458-75
EP945875W
20, 40, 60, 80
100
EP9458-100
EP9458-100W
25, 50, 75, 100
125
EP9458-125
EP9458-125W
Delays are ±5% or ±2 nS†
DIP Part
DIL Part
Tap
Total
Number
Number
30, 60, 90, 120
150
EP9458-150
EP9458-150W
35, 70, 105, 140
175
EP9458-175
EP9458-175W
40, 80, 120, 160
200
EP9458-200
EP9458-200W
45, 90, 135, 180
225
EP9458-225
EP9458-225W
50, 100, 150, 200
250
EP9458-250
EP9458-250W
60, 120, 180, 240
300
EP9458-300
EP9458-300W
70, 140, 210, 280
350
EP9458-350
EP9458-350W
80, 160, 240, 320
400
EP9458-400
EP9458-400W
90, 180, 270, 360
450
EP9458-450
EP9458-450W
100, 200, 300, 400
500
EP9458-500
EP9458-500W
†Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
Schematic
VOH
High-Level Output Voltage
VCC= min. VIL= max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min
Max
Unit
*These two values are inter-dependent.
DSD9458
Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
7
2
6
3
5
1
4
OUTPUT
GROUND
INPUT
8
VCC
DIP Package
DIL Package
.365
Max.
.500 Max.
.280
Max.
PCA
EP9458-25
D.C.
.010
Typ.
.120 Min,
.020
Typ.
.250
Max.
.020
Typ.
White Dot
Pin#1
.100
White Dot
Pin 1
.100
PCA
Date Code
EP9458-25W
.400
.500
.150 TYP
.018 x.010
.300
.250


Similar Part No. - EP9458-125

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9458-125 PCA-EP9458-125 Datasheet
20Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-125(-LF) PCA-EP9458-125(-LF) Datasheet
20Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-125-LF PCA-EP9458-125-LF Datasheet
20Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-125W PCA-EP9458-125W Datasheet
19Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-125W(-LF) PCA-EP9458-125W(-LF) Datasheet
19Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EP9458-125

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9458-XX PCA-EP9458-XX_15 Datasheet
20Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-25 PCA-EP9458-25 Datasheet
20Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-25W PCA-EP9458-25W Datasheet
19Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-XXW PCA-EP9458-XXW_15 Datasheet
19Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9810-25 PCA-EP9810-25 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EP9810 PCA-EP9810_15 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EPA054 PCA-EPA054_15 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EPA054-25 PCA-EPA054-25 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EPA770 PCA-EPA770_15 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA770-4 PCA-EPA770-4 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com