Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9810-50(-RC) Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9810-50(-RC)
Description  14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9810-50(-RC) Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9810-50(-RC) Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
14 Pin DIL 5 Tap TTL Compatible
Active Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EP9810-XX & EP9810-XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS9810-XX & -RC
Rev. A1
1/31/06 RR
Package
Add “-RC” after part number for RoHS Compliant
Tap Delays
(†±5% or ± 2nS)
5
6
7
8
9
10
12
15
20
25
30
35
40
45
50
60
70
Total Delay
(†±5% or ± 2nS)
25
30
35
40
45
50
60
75
100
125
150
175
200
225
250
300
350
PCA
Part Number
EP9810-400(-RC)
EP9810-420(-RC)
EP9810-440(-RC)
EP9810-450(-RC)
EP9810-470(-RC)
EP9810-500(-RC)
EP9810-550(-RC)
EP9810-600(-RC)
EP9810-650(-RC)
EP9810-700(-RC)
EP9810-750(-RC)
EP9810-800(-RC)
EP9810-850(-RC)
EP9810-900(-RC)
EP9810-950(-RC)
EP9810-1000(-RC
Tap Delays
(†±5% or ± 2nS)
Total Delay
(†±5% or ± 2nS)
400
420
440
450
470
500
550
600
650
700
750
800
850
900
950
1000
PCA
Part Number
EP9810-25(-RC)
EP9810-30(-RC)
EP9810-35(-RC)
EP9810-40(-RC)
EP9810-45(-RC)
EP9810-50(-RC)
EP9810-60(-RC)
EP9810-75(-RC)
EP9810-100(-RC)
EP9810-125(-RC)
EP9810-150(-RC)
EP9810-175(-RC)
EP9810-200(-RC)
EP9810-225(-RC)
EP9810-250(-RC)
EP9810-300(-RC)
EP9810-350(-RC)
†Whichever is greater. • Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
Schematic
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
Notes :
2. Peak Solder Rating
(per JEDEC22-B102D)
3. Weight
1. Assembly Process
(Solder Composition)
(Leadframe)
(Assembly Solder)
4. Packaging Information
(Tube)
EP9810-XX-RC
260°C
TBD grams
SnPb
(RoHS exemption 7a)
Sn
25 pieces/tube
EP9810-XX
225°C
TBD grams
SnPb
SnPb
25 pieces/tube
10
12
14
16
18
20
24
30
40
50
60
70
80
90
100
120
140
15
18
21
24
27
30
36
45
60
75
90
105
120
135
150
180
210
20
24
28
32
36
40
48
60
80
100
120
140
160
180
200
240
280
80
84
88
90
94
100
110
120
130
140
150
160
170
180
190
200
160
168
176
180
188
200
220
240
260
280
300
320
340
360
380
400
240
252
264
270
282
300
330
360
390
420
450
480
510
540
570
600
320
336
352
360
376
400
440
480
520
560
600
640
680
720
760
800
DC Electrical Characteristics
Parameter
Test Conditions
Unit
Min.
Max.
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
Td > 500 nS
5
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL Load
Recommended Operating Conditions Min.
Max.
Unit
*These two values are inter-dependent.
VCC Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW* Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
.400
Max.
(10.16)
PCA
EP9810-XX(-RC)
Date Code
.150 Typ.
(3.81)
.020 Typ.
(.508)
.275 Max.
(6.99)
.018 x .010
(.457 x .254)
Pin 1
I.D.
.300
(7.62)
.100
(2.54)
.800 Max.
(20..32)


Similar Part No. - EP9810-50(-RC)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9810-50 PCA-EP9810-50 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EP9810-50-RC PCA-EP9810-50-RC Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EP9810-500 PCA-EP9810-500 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EP9810-500-RC PCA-EP9810-500-RC Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EP9810-50(-RC)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9810-25 PCA-EP9810-25 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EP9810M-25 PCA-EP9810M-25 Datasheet
41Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible MIL 883 Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398 PCA-EPA2398_15 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-XX PCA-EPA2720-XX_15 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA189 PCA-EPA189_15 Datasheet
19Kb / 1P
   14 Pin DIL Triple TTL Compatible Active Delay Lines
EPA189-5 PCA-EPA189-5 Datasheet
19Kb / 1P
   14 Pin DIL Triple TTL Compatible Active Delay Lines
EP9590-X PCA-EP9590-X_15 Datasheet
41Kb / 1P
   14 Pin DIL 5 Tap Low Profile TTL Compatible MIL 883 Active Delay Lines
EP9590-25 PCA-EP9590-25 Datasheet
41Kb / 1P
   14 Pin DIL 5 Tap Low Profile TTL Compatible MIL 883 Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com