Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74541CTSOB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT74541CTSOB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74541CTSOB Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT74541CTSOB Datasheet HTML 1Page - Integrated Device Technology IDT74541CTSOB Datasheet HTML 2Page - Integrated Device Technology IDT74541CTSOB Datasheet HTML 3Page - Integrated Device Technology IDT74541CTSOB Datasheet HTML 4Page - Integrated Device Technology IDT74541CTSOB Datasheet HTML 5Page - Integrated Device Technology IDT74541CTSOB Datasheet HTML 6Page - Integrated Device Technology IDT74541CTSOB Datasheet HTML 7Page - Integrated Device Technology IDT74541CTSOB Datasheet HTML 8Page - Integrated Device Technology IDT74541CTSOB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.8
8
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
SWITCH POSITION
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
2565 drw 10
2565 drw 14
2565 drw 11
2565 drw 12
2565 drw 13
Pulse
Generator
R T
D.U.T.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
PROPAGATION DELAY
ENABLE AND DISABLE TIMES
2565 drw 14
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-
HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns


Similar Part No. - IDT74541CTSOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74541 IDT-IDT74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74541APG IDT-IDT74541APG Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541APY IDT-IDT74541APY Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541AQ IDT-IDT74541AQ Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541ASO IDT-IDT74541ASO Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74541CTSOB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com