Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRL1608T1R5M Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # BRL1608T1R5M
Description  Wire-wound Chip Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BRL1608T1R5M Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  BRL1608T1R5M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Wire-wound Chip Power Inductors (BR series)
BRL1608T1R5M
Features
Item Summary
1.5μH(±20%), 440mA, 590mA, 0603
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 3000pcs
Products characteristics table
CaseSize (EIA/JIS)
0603/1608
Inductance
1.5μH(±20%)
Inductance Measuring Frequency
1MHz
Rated Current -Saturation Current
440mA
Rated Current -Temperature Rise Current
590mA
DC Resistance (max)
0.364Ω
Avg. of DC.Resistance
0.28Ω
Self-resonant Frequency (min)
600MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1.6mm ±0.2
W
0.8mm ±0.2
H
0.7mm max
2015.03.09
1 / 1


Similar Part No. - BRL1608T1R5M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRL1608T1R5M TAIYO-YUDEN-BRL1608T1R5M Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRL]
BRL1608T1R5M TAIYO-YUDEN-BRL1608T1R5M Datasheet
354Kb / 3P
   Wire-wound Ferrite Power Inductors LSQPB series for General Electronic Equipment
2021/8/3
BRL1608T1R5M TAIYO-YUDEN-BRL1608T1R5M_19 Datasheet
277Kb / 3P
   Wire-wound Chip Power Inductors (BR series)[BRL]
More results

Similar Description - BRL1608T1R5M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T101K TAIYO-YUDEN-BRC2016T101K Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRC2016T330M TAIYO-YUDEN-BRC2016T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL1608T1R0M TAIYO-YUDEN-BRL1608T1R0M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T1R5M TAIYO-YUDEN-BRL2012T1R5M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T150M TAIYO-YUDEN-BRL2012T150M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T220M TAIYO-YUDEN-BRL2012T220M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T680M TAIYO-YUDEN-BRL2012T680M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T330M TAIYO-YUDEN-BRL3225T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T470K TAIYO-YUDEN-BRL3225T470K Datasheet
133Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T470M TAIYO-YUDEN-BRL3225T470M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
CB2012T220K TAIYO-YUDEN-CB2012T220K Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com