Electronic Components Datasheet Search |
|
EP9430-85 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC. |
|
EP9430-85 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC. |
|
1 / 1 page 14 Pin DIP Single Output TTL Compatible Active Delay Lines TIME DELAYS PART TIME DELAYS (nS) NUMBER (nS) ±5% or ±2 nS† ±5% or ±2 nS† 5 EP9430-5 23 6 EP9430-6 24 7 EP9430-7 25 8 EP9430-8 30 9 EP9430-9 35 10 EP9430-10 40 11 EP9430-11 45 12 EP9430-12 50 13 EP9430-13 55 14 EP9430-14 60 15 EP9430-15 65 16 EP9430-16 70 17 EP9430-17 75 18 EP9430-18 80 19 EP9430-19 85 20 EP9430-20 90 21 EP9430-21 95 22 EP9430-22 100 PART TIME DELAYS PART NUMBER (nS) NUMBER ±5% or ±2 nS† EP9430-23 125 EP9430-125 EP9430-24 150 EP9430-150 EP9430-25 175 EP9430-175 EP9430-30 200 EP9430-200 EP9430-35 225 EP9430-225 EP9430-40 250 EP9430-250 EP9430-45 275 EP9430-275 EP9430-50 300 EP9430-300 EP9430-55 350 EP9430-350 EP9430-60 400 EP9430-400 EP9430-65 500 EP9430-500 EP9430-70 600 EP9430-600 EP9430-75 700 EP9430-700 EP9430-80 800 EP9430-800 EP9430-85 900 EP9430-900 EP9430-90 1000 EP9430-1000 EP9430-95 EP9430-100 †Whichever is greater. Delay Times referenced from input to leading edges at 25°C, 5.0V, with no load. Package Dimensions EIN Pulse Input Voltage 3.2 Volts PW Pulse Width % of Total Delay 110 % TRI Pulse Rise Time (0.75 - 2.4 Volts) 2.0 nS PRR Pulse Repetition Rate @ Td ≤ 200 nS 1.0 MHz Pulse Repetition Rate @ Td > 200 nS 100 KHz VCC Supply Voltage 5.0 Volts Input Pulse Test Conditions @ 25° C Unit VOH High-Level Output Voltage VCC= min. VIL= max. IOH = max 2.7 V VOL Low-Level Output Voltage VCC= min. VIH = min. IOL= max 0.5 V VIK Input Clamp Voltage VCC= min. II = IIK -1.2 V IIH High-Level Input Current VCC= max. VIN = 2.7V 50 µA VCC= max. VIN = 5.25V 1.0 mA IIL Low-Level Input Current VCC= max. VIN = 0.5V -2 mA IOS Short Circuit Output Current VCC= max. VOUT = 0. -40 -100 mA ICCH High-Level Supply Current VCC= max. VIN = OPEN 75 mA ICCL Low-Level Supply Current VCC= max. VIN = 0 75 mA TRO Output Rise Time Td ≤ 500 nS (0.75 to 2.4 Volts) 4 nS NH Fanout High-Level Output VCC= max. VOH = 2.7V 20 TTL LOAD NL Fanout Low-Level Output VCC= max. VOL = 0.5V 10 TTL LOAD DC Electrical Characteristics Parameter Test Conditions Min Max Unit VCC Supply Voltage 4.75 5.25 V VIH High-Level Input Voltage 2.0 V VIL Low-Level Input Voltage 0.8 V IIK Input Clamp Current -18 mA IOH High-Level Output Current -1.0 mA IOL Low-Level Output Current 20 mA PW* Pulse Width of Total Delay 40 % d* Duty Cycle 40 % TA Operating Free-Air Temperature 0 +70 °C Recommended Operating Conditions Min Max Unit *These two values are inter-dependent. Schematic DSD9430 Rev. A 2/5/96 QAF-CSO1 Rev. B 8/25/94 Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = ± 1/32 .XX = ± .030 .XXX = ± .010 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791 E L E C T R O N I C S I N C . 8 1 7 OUTPUT GROUND INPUT 14 VCC .365 Max. .780 Max. .280 Max. PCA EP9430-5 Date Code .010 Typ. .150 Typ. .020 .040 .250 Max. .020 Typ. White Dot Pin#1 .600 |
Similar Part No. - EP9430-85 |
|
Similar Description - EP9430-85 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |