Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2359 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD2359
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD2359 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD2359_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD2359_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD2359
Typical Characterisitics
PC
I
a
T
C — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
6
1
0
40
120
80
140
20
100
60
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
2
1
0
10
8
2
6
4
0
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25˚C
2.5mA
2.0mA
1.5mA
1.0mA
3.0mA
3.5mA
IB=4.0mA
Collector to emitter voltage VCE (V)
4
.
2
0
2.0
1.6
0.4
1.2
0.8
0
1.2
1.0
0.8
0.6
0.4
0.2
VCE=2V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage VBE (V)
0.01
0.1
1
10
0.03
0.3
3
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
IC/IB=50
Ta=75˚C
25˚C
–25˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
0
600
500
400
300
200
100
Ta=75˚C
25˚C
–25˚C
VCE=2V
Collector current IC (A)
1
3
10
30
100
0
240
200
160
120
80
40
VCB=6V
f=200MHz
Ta=25˚C
Emitter current IE (mA)
1
3
10
30
100
0
60
50
40
30
20
10
IE=0
f=200MHz
Ta=25˚C
Collector to base voltage VCB (V)


Similar Part No. - 2SD2359_15

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2359 PANASONIC-2SD2359 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SD2359 PANASONIC-2SD2359 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
logo
Guangdong Kexin Industr...
2SD2359 KEXIN-2SD2359 Datasheet
49Kb / 1P
   Silicon NPN Epitaxial Planar Type
More results

Similar Description - 2SD2359_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com