Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA424-35 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA424-35
Description  SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA424-35 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA424-35 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
Package Dimensions
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VOH
High-Level Output Voltage
VCC= min. VIL= max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
-55
+125
°C
Recommended
Operating Conditions
Min
Max
Unit
*These two values are inter-dependent.
Schematic
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
5, 10, 15, 20
25
EPA424-25
6, 12, 18, 24
30
EPA424-30
7, 14, 21, 28
35
EPA424-35
8, 16, 24, 32
40
EPA424-40
9, 18, 27, 36
45
EPA424-45
10, 20, 30, 40
50
EPA424-50
12, 24, 36, 48
60
EPA424-60
15, 30, 45, 60
75
EPA424-75
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
20, 40, 60, 80
100
EPA424-100
25, 50, 75, 100
125
EPA424-125
30, 60, 90, 120
150
EPA424-150
35, 70, 105, 140
175
EPA424-175
40, 80, 120, 160
200
EPA424-200
45, 90, 135, 180
225
EPA424-225
50, 100, 150, 200
250
EPA424-250
†Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
DSA424
Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
.155
.150
PCA
EPA424-25
D.C.
.200
Max.
.500 Max.
.235
Max.
.004
Typ.
.02
.050
.228
.244
.060
.275
.24
Suggested Solder
Pad Layout
.100
.50


Similar Part No. - EPA424-35

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA424-35 PCA-EPA424-35 Datasheet
23Kb / 1P
   SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EPA424-35

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA424-25 PCA-EPA424-25 Datasheet
23Kb / 1P
   SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398 PCA-EPA2398_15 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-XX PCA-EPA2720-XX_15 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EP9810 PCA-EP9810_15 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EP9810-25 PCA-EP9810-25 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EPA247-50 PCA-EPA247-50 Datasheet
24Kb / 1P
   SMD 14 Pin 10 Tap TTL Compatible Active Delay Lines
EPA073HL-XX PCA-EPA073HL-XX_15 Datasheet
22Kb / 1P
   14 Pin SMD 5 Tap Low Profile TTL Compatible Active Delay Lines
EPA073HL-25 PCA-EPA073HL-25 Datasheet
22Kb / 1P
   14 Pin SMD 5 Tap Low Profile TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com