Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817-40-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC817-40-HF
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC817-40-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC817-40-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC817-40-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
BC817 (KC817)
Typical Characterisitics
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1
10
100
1
5
0
0
1
10
100
1
1
0
10
100
1
1
1
0
00
100
200
300
400
500
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0
2
4
6
8
10
12
14
16
0
40
80
120
160
200
240
280
300
IC ——
VBE
500
V
CE=1V
T
a=25
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
VCB
/ VEB
C ob / Cib
——
C
ib
C
ob
50
60
COLLECTOR CURRENT IC (mA)
V
CE=5V
T
a=25
oC
IC
fT
——
V
CE= 1V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
IC
h
FE
——
AMBIENT TEMPERATURE Ta ( )
Pc ——
Ta
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
β=10
IC
V BEsat ——
T
a=25
T
a=100
β=10
V CEsat ——
IC
COLLECTOR CURRENT I
C
(mA)
500
500
500
COMMON
EMITTER
T
a=25
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
BC817 HF (KC817 HF)


Similar Part No. - BC817-40-HF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC817-40-7 DIODES-BC817-40-7 Datasheet
57Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 9 - 2
BC817-40-7-F DIODES-BC817-40-7-F Datasheet
326Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 15 - 2
BC817-40-7-F DIODES-BC817-40-7-F Datasheet
375Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
logo
Unisonic Technologies
BC817-40-AE3-R UTC-BC817-40-AE3-R Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Pan Jit International I...
BC817-40-AU PANJIT-BC817-40-AU Datasheet
497Kb / 6P
   Silicon NPN General Purpose Transistors
March 8,2019-REV.04
More results

Similar Description - BC817-40-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com