Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC849 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC849
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC849 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC849_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC849_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC849_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
BC849
30
BC850
50
Collector- emitter breakdown voltage BC849
30
BC850
45
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
VCB= 30 V , IE= 0
15
VCB= 30 V , IE= 0,TJ=150℃
5
Emitter cut-off current
IEBO
VEB= 5V , IC=0
100
Collector-emitter saturation voltage
IC=10 mA, IB=0.5mA (Note.1)
90
250
IC=100 mA, IB=5mA (Note.1)
200
500
Base - emitter saturation voltage
IC=10 mA, IB=0.5mA (Note.2)
700
IC=100 mA, IB=5mA (Note.2)
900
Base-Emitter Voltage
IC=2 mA, VCE=5V (Note.2)
580
660
700
IC=10 mA, VCE=5V (Note.2)
770
DC current gain
BC849B,BC850B
240
BC849C,BC850C
450
BC849B,BC850B
200
290
450
BC849C,BC850C
420
520
800
Collector capacitance
Cc
VEB= 0.5V, IE=ie= 0,f=1MHz
2.5
Emitter capacitance
Ce
VCB= 10V, IC=ic= 0,f=1MHz
11
IC=200uA,VCE=5V,RS=2KΩ;
f=10Hz to 15.7KHz
4
IC=200uA,VCE=5V,RS=2KΩ;
f=1KHz,B=200Hz
4
Transition frequency
fT
VCE= 5V, IC= 10mA,f=100MHz
100
MHz
pF
Noise Figure
NF
dB
mV
hFE
VCE= 5V, IC= 10uA
VCE= 5V, IC= 2mA
ICBO
Collector-base cut-off current
VCE(sat)
VBE(sat)
V
uA
VCBO
Ic= 100 μA, IE= 0
Ic= 1 mA, IB= 0
VCEO
VBE
Note.1: VBEsat decreases by about 1.7 mV/K with increasing temperature.
Note.2: VBE decreases by about 2 mV/K with increasing temperature.
DC current gain
Classification of hfe
NPN Transistors
BC849~BC850 (KC849~KC850)
nA
nA
Type
BC849B
BC849C
BC850B
BC850C
Range
200-450
420-800
200-450
420-800
Marking
2B*
2C*
2F*
2G*


Similar Part No. - BC849_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BC849 KEXIN-BC849_15 Datasheet
1Mb / 3P
   NPN Transistors
logo
Unisonic Technologies
BC849 UTC-BC849_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
More results

Similar Description - BC849_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com