Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP56 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCP56
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP56 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP56 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP56 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BCP56 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
BCP54,BCP55,BCP56
(KCP54,KCP55,KCP56)
Electrical Characteristics Ta = 25℃
Symbol
Test Conditions
Min
Typ
Max
Unit
BCP54
45
BCP55
60
BCP56
100
BCP54
45
BCP55
60
BCP56
80
VEBO
IE= 100μA, IC= 0
5
BCP54
VCB= 45 V , IE= 0
BCP55
VCB= 60 V , IE= 0
BCP56
VCB= 100 V , IE= 0
IEBO
VEB= 5V , IC=0
0.1
VCE(sat) IC=500 mA, IB=50mA
0.5
VBE(sat) IC=500 mA, IB=50mA
1.2
VBE
VCE= 2V, IC= 500mA
1
hFE(1)
VCE= 2V, IC= 5mA
25
hFE(2)
VCE= 2V, IC= 150mA
63
250
hFE(3)
VCE= 2V, IC= 500mA
25
fT
VCE= 10V, IC= 50mA,f=100MHz
100
MHz
0.1
Emitter cut-off current
Collector-emitter saturation voltage
Transition frequency
Base - emitter saturation voltage
DC current gain
Base-emitter voltage
Parameter
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
V
uA
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
Emitter - base breakdown voltage
Collector-base cut-off current
V
ICBO
Classification of hfe(2)
TypE
BCP54-10,BCP55-10,BCP56-10
BCP54-16,BCP55-16,BCP56-16
Range
63-160
100-250


Similar Part No. - BCP56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP56 PHILIPS-BCP56 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Shanghai Leiditech Elec...
BCP56 LEIDITECH-BCP56 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
STMicroelectronics
BCP56 STMICROELECTRONICS-BCP56 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
Diodes Incorporated
BCP56 DIODES-BCP56 Datasheet
131Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results

Similar Description - BCP56

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com