Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IP Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022IP Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA5022IP Datasheet HTML 6Page - Intersil Corporation HA5022IP Datasheet HTML 7Page - Intersil Corporation HA5022IP Datasheet HTML 8Page - Intersil Corporation HA5022IP Datasheet HTML 9Page - Intersil Corporation HA5022IP Datasheet HTML 10Page - Intersil Corporation HA5022IP Datasheet HTML 11Page - Intersil Corporation HA5022IP Datasheet HTML 12Page - Intersil Corporation HA5022IP Datasheet HTML 13Page - Intersil Corporation HA5022IP Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC, Unless Otherwise Specified
FIGURE 11. NON-INVERTING FREQUENCY RESPONSE
FIGURE 12. INVERTING FREQUENCY RESPONSE
FIGURE 13. PHASE RESPONSE AS A FUNCTION OF
FREQUENCY
FIGURE 14. BANDWIDTH AND GAIN PEAKING vs FEEDBACK
RESISTANCE
FIGURE 15. BANDWIDTH AND GAIN PEAKING vs FEEDBACK
RESISTANCE
FIGURE 16. BANDWIDTH AND GAIN PEAKING vs LOAD
RESISTANCE
5
4
3
2
1
0
-1
-2
-3
-4
-5
FREQUENCY (MHz)
2
10
100
200
VOUT = 0.2VP-P
CL = 10pF
AV = +1, RF = 1kΩ
AV = 2, RF = 681Ω
AV = 5, RF = 1kΩ
AV = 10, RF = 383Ω
5
4
3
2
1
0
-1
-2
-3
-4
-5
2
10
100
200
FREQUENCY (MHz)
VOUT = 0.2VP-P
CL = 10pF
RF = 750Ω
AV = -1
AV = -2
AV = -10
AV = -5
FREQUENCY (MHz)
2
10
100
200
0
-45
-90
-135
-100
-225
-270
-315
-360
180
135
90
0
-45
-90
-135
45
-180
VOUT = 0.2VP-P
CL = 10pF
AV = +10, RF = 383Ω
AV = -10, RF = 750Ω
AV = -1, RF = 750Ω
AV = +1, RF = 1kΩ
FEEDBACK RESISTOR (
Ω)
500
700
900
1100
1300
1500
140
130
120
10
5
0
VOUT = 0.2VP-P
CL = 10pF
-3dB BANDWIDTH
GAIN PEAKING
AV = +1
FEEDBACK RESISTOR (
Ω)
100
95
90
0
350
500
650
800
950
1100
-3dB BANDWIDTH
GAIN PEAKING
VOUT = 0.2VP-P
CL = 10pF
AV = +2
5
10
LOAD RESISTOR (
Ω)
130
120
110
100
90
80
0
200
400
600
800
1000
6
4
2
0
VOUT = 0.2VP-P
CL = 10pF
-3dB BANDWIDTH
GAIN PEAKING
AV = +1
HA5022


Similar Part No. - HA5022IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5022IP INTERSIL-HA5022IP Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
HA5022IP RENESAS-HA5022IP Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
More results

Similar Description - HA5022IP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com