Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KCX54 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KCX54
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KCX54 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KCX54 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KCX54 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditions
Min
Typ
Max
Unit
I
t
n
e
rr
u
c
ff
o
t
u
c
r
o
t
c
e
ll
o
C
CBO
VCB = 30 V, IE
A
n
0
0
1
0
=
VCB = 30 V, IE = 0; Tj = 125
10
uA
I
t
n
e
rr
u
c
ff
o
t
u
c
r
e
tt
i
m
E
EBO
VEB = 5 V, IC
A
n
0
0
1
0
=
h
n
i
a
g
t
n
e
rr
u
c
C
D
FE
IC = 5 mA; VCE = 2 V
63
IC = 150 mA; VCE = 2 V
63
250
IC = 500 mA; VCE = 2 V
40
DC current gain BCX54-10,BCX55-10,BCX56-10
hFE
IC = 150 mA; VCE = 2 V
63
160
BCX54-16,BCX55-16,BCX56-16
IC = 150 mA; VCE = 2 V
100
250
Collector-emitter saturation voltage
VCE(sat) IC = 500 mA; IB
V
5
.
0
A
m
0
5
=
V
e
g
a
tl
o
v
r
e
tt
i
m
e
o
t
e
s
a
B
BE
IC = 500 mA; VCE
V
1
V
2
=
f
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
T
IC = 10 mA; VCE = 5 V; f = 100 MHz
130
MHz
hFE
hFE
DC current gain ratio of the
complementary pairs
IC = 150 mA; VCE = 2V
1.3
1.6
hFE Classification
TYPE
BCX54
BCX54-10
BCX54-16
Marking
BA
BC
BD
TYPE
BCX55
BCX55-10
BCX55-16
Marking
BE
BG
BM
TYPE
BCX56
BCX56-10
BCX56-16
Marking
BH
BK
BL
www.kexin.com.cn
BCX54,BCX55,BCX56
Typical Characterisitics


Similar Part No. - KCX54

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KCX54 KEXIN-KCX54 Datasheet
721Kb / 2P
   NPN Transistors
KCX54 KEXIN-KCX54 Datasheet
721Kb / 2P
   NPN Transistors
More results

Similar Description - KCX54

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com