Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX70H Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCX70H
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX70H Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX70H Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX70H Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
45
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
45
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
VCB= 45 V , IE= 0
20
nA
VCB= 45 V , IE= 0,Tamb = 150℃
20
uA
Emitter cut-off current
IEBO
VEB= 4V , IC=0
20
nA
IC=10 mA, IB=0.25mA
50
350
IC=50 mA, IB=1.25mA
100
550
IC=10 mA, IB=0.25mA
600
850
IC=50 mA, IB=1.25mA
700
1050
VCE= 5V, IC= 10uA
520
VCE= 5V, IC= 2mA
550
650
750
VCE= 1V, IC= 50mA
780
DC current gain
BCX70G
-
-
BCX70H
40
BCX70J
30
BCX70K
100
DC current gain
BCX70G
120
220
BCX70H
180
310
BCX70J
250
460
BCX70K
380
630
DC current gain
BCX70G
50
BCX70H
70
BCX70J
90
BCX70K
100
Collector capacitance
Cc
VCB= 10V, IE=Ie=0,f=1MHz
1.7
Emitter capacitance
Ce
VEB= 0.5 V, IC=Ic=0,f=1MHz
11
Noise figure
NF
IC = 200 u A; VCE = 5 V; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
2
6
dB
Transition frequency
fT
VCE= 5V, IC= 10mA,f=100MHz
100
250
MHz
VBE(sat)
V
Collector-base cut-off current
ICBO
Collector-emitter saturation voltage
VCE(sat)
pF
Base - emitter voltage
VBE
mV
hFE
VCE= 5V, IC= 10uA
VCE= 5V, IC= 2mA
VCE= 1V, IC= 50mA
Base - emitter saturation voltage
NPN Transistors
BCX70 (KCX70)
Classification of hfe(2)
Type
BCX70G
BCX70H
BCX70J
BCX70K
Range
120-220
180-310
250-460
380-630
Marking
AG*
AH*
AJ*
AK*


Similar Part No. - BCX70H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70H PHILIPS-BCX70H Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Micro Commercial Compon...
BCX70H MCC-BCX70H Datasheet
211Kb / 3P
   NPN Small Signal Transistor 250mW
logo
Samsung semiconductor
BCX70H SAMSUNG-BCX70H Datasheet
33Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Central Semiconductor C...
BCX70H CENTRAL-BCX70H Datasheet
329Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
logo
Siemens Semiconductor G...
BCX70H SIEMENS-BCX70H Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCX70H

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com