Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5351IP Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA5351IP
Description  64ns Sample and Hold Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5351IP Datasheet(HTML) 6 Page - Intersil Corporation

  HA5351IP Datasheet HTML 1Page - Intersil Corporation HA5351IP Datasheet HTML 2Page - Intersil Corporation HA5351IP Datasheet HTML 3Page - Intersil Corporation HA5351IP Datasheet HTML 4Page - Intersil Corporation HA5351IP Datasheet HTML 5Page - Intersil Corporation HA5351IP Datasheet HTML 6Page - Intersil Corporation HA5351IP Datasheet HTML 7Page - Intersil Corporation HA5351IP Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Die Characteristics
DIE DIMENSIONS:
2530
µm x 1760µm x 525µm
100 mils x 69 mils x 19 mils
METALLIZATION:
Type: Metal 1: AlSiCu/TiW
Thickness: Metal 1: 6k
Å
±750Å
Type: Metal 2: AlSiCu
Thickness: Metal 2: 16k
Å
±1.1kÅ
PASSIVATION:
Type: Sandwich Passivation
Nitride - 4k
Å, Undoped Si Glass (USG) - 8kÅ,
Total - 12k
Å
±2kÅ
SUBSTRATE POTENTIAL:
V-
TRANSISTOR COUNT:
156
Metallization Mask Layout
HA5351
FIGURE 13. HOLD MODE SETTLING TIME (
±200µV)
Typical Performance Curves (Continued)
0.02
0.00
-0.02
-0.04
0
20406080
0
5
10
TIME (ns)
51.4 ns
OUTPUT
+IN
-IN
V-
V-
V-
VOUT
VOUT
S/H CONTROL
V+
V+
V+
GND
GND
GND
HA5351


Similar Part No. - HA5351IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5351IB INTERSIL-HA5351IB Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
   64ns Sample and Hold Amplifier
April 25, 2013
logo
Renesas Technology Corp
HA5351IBZ RENESAS-HA5351IBZ Datasheet
421Kb / 7P
   64ns Sample and Hold Amplifier
More results

Similar Description - HA5351IP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
   64ns Sample and Hold Amplifier
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
   64ns Sample and Hold Amplifier
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
   64ns Sample and Hold Amplifier
April 25, 2013
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Analog Devices
SMP04 AD-SMP04 Datasheet
277Kb / 15P
   CMOS Quad Sample-and-Hold Amplifier
REV. D
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
   125 MSPS SAMPLE-AND-HOLD AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com