Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7210Y Datasheet(PDF) 11 Page - Intersil Corporation

Part # HA7210Y
Description  10kHz to 10MHz, Low Power Crystal Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210Y Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HA7210Y Datasheet HTML 7Page - Intersil Corporation HA7210Y Datasheet HTML 8Page - Intersil Corporation HA7210Y Datasheet HTML 9Page - Intersil Corporation HA7210Y Datasheet HTML 10Page - Intersil Corporation HA7210Y Datasheet HTML 11Page - Intersil Corporation HA7210Y Datasheet HTML 12Page - Intersil Corporation HA7210Y Datasheet HTML 13Page - Intersil Corporation HA7210Y Datasheet HTML 14Page - Intersil Corporation HA7210Y Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FIGURE 29. FREQUENCY CHANGE vs VDD
FIGURE 30. EDGE JITTER vs TEMPERATURE
FIGURE 31. RISE/FALL TIME vs TEMPERATURE
FIGURE 32. RISE/FALL TIME vs TEMPERATURE
FIGURE 33. RISE/FALL TIME vs CL
FIGURE 34. RISE/FALL TIME vs VDD
Typical Performance Curves (Continued)
NOTE:
Refer to Test Circuit (Figure 1).
24
6
-20
-10
0
5
15
20
30
VDD SUPPLY VOLTAGE (V)
-5
-15
25
10
32kHz
1MHz
5MHz
10MHz
DEVIATION FROM FREQUENCY AT 5.0V
-100
-50
0
50
100
150
0
1
2
3
4
5
6
VDD = 5V, CL = 30pF, GENERATOR (1VP-P) (NOTE)
TEMPERATURE (oC)
fIN = 5MHz, F1 = 0, F2 = 0
fIN = 100kHz, F1 = 1, F2 = 1
-100
-50
0
50
100
150
2
3
4
5
6
7
8
9
10
11
12
13
fIN = 5MHz, F1 = 0, F2 = 0, CL = 30pF, VDD = 5V
TEMPERATURE (oC)
tf GENERATOR (1VP-P) (NOTE)
tr GENERATOR (1VP-P) (NOTE)
tf XTAL AT 25
oC
tr XTAL AT 25
oC
-100
-50
0
50
100
150
2
3
4
5
6
7
8
9
10
11
12
fIN = 100kHz, F1 = 1, F2 = 1, CL = 30pF, VDD = 5V
TEMPERATURE (oC)
tf GENERATOR (1VP-P) (NOTE)
tr GENERATOR (1VP-P) (NOTE)
tf XTAL AT 25
oC
tr XTAL AT 25
oC
10
20
30
40
50
60
70
80
90
100
110
5
10
15
20
25
30
CL (pF)
VDD = 5V, GENERATOR (1VP-P) (NOTE)
tf (fIN = 100kHz)
tf (fIN = 5MHz)
tr
tr (fIN = 100kHz)
(fIN = 5MHz)
23456
789
4
5
6
7
8
9
10
11
12
13
14
15
VDD (+V)
CL = 18pF, GENERATOR (1VP-P) (NOTE)
tf (fIN = 5MHz)
tf (fIN = 100kHz)
tr (fIN = 5MHz)
tr (fIN = 100kHz)
HA7210


Similar Part No. - HA7210Y

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7210 INTERSIL-HA7210 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210IB INTERSIL-HA7210IB Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210IBZ INTERSIL-HA7210IBZ Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210IBZ96 INTERSIL-HA7210IBZ96 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210IP INTERSIL-HA7210IP Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
More results

Similar Description - HA7210Y

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
   SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
   SMD 5.0x3.2 10MHz Crystal Oscillator
logo
STATEK CORPORATION
DQXO-3 STATEK-DQXO-3 Datasheet
57Kb / 2P
   Low Power Crystal Oscillator
LQXO-4 STATEK-LQXO-4 Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
LXO STATEK-LXO Datasheet
73Kb / 2P
   Low Power Crystal Oscillator
LXOM STATEK-LXOM Datasheet
58Kb / 2P
   Low Power Crystal Oscillator
logo
Intersil Corporation
CDP6872 INTERSIL-CDP6872 Datasheet
101Kb / 15P
   Low Power Crystal Oscillator
January 1996
logo
STATEK CORPORATION
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
   Low Power Crystal Oscillator
LXOAT STATEK-LXOAT Datasheet
116Kb / 2P
   Low Power Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com