Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH5020MPE Datasheet(PDF) 3 Page - Intersil Corporation

Part # IH5020MPE
Description  Virtual Ground Analog Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IH5020MPE Datasheet(HTML) 3 Page - Intersil Corporation

  IH5020MPE Datasheet HTML 1Page - Intersil Corporation IH5020MPE Datasheet HTML 2Page - Intersil Corporation IH5020MPE Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-3
Absolute Maximum Ratings
Thermal Information
Positive Analog Signal Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Negative Analog Signal Voltage . . . . . . . . . . . . . . . . . . . . . . . . .-15V
Diode Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Power Dissipation (Note) . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
Operating Conditions
Temperature Range
5009C Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
5009M Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: Dissipation rating assumes device is mounted with all leads welded or soldered to printed circuit board in ambient temperature below
75oC. For higher temperature, derate at rate of 5m/WoC.
Electrical Specifications
(Per Channel)
PARAMETER
(NOTE 1)
SYMBOL
(NOTE 4)
TEST
CONDITIONS
(NOTE 2)
TYPE
-55oC (M)
0oC (C)
MIN/MAX
25oC
125oC(M)
70oC (C)
MIN/MAX
UNITS
TYP
MIN/MAX
Input Current-ON
IIN(ON)
ALL
VIN = 0V, ID = 2mA
-
0.01
±0.5
100
µA
Input Current-OFF
IIN(OFF)
5V Logic Ckts
VIN = +4.5V,
VA = ±10V
-
0.04
±0.5
20
nA
Input Current-OFF
IIN(OFF)
15V Logic Ckts
VIN = +11V,
VA = ±10V
-
0.04
±0.5
20
nA
Channel Control
Voltage-ON
VIN(ON)
5V Logic Ckts
Note 3
0.5
-
0.5
0.5
V
Channel Control
Voltage-ON
VIN(ON)
15V Logic Ckts
Note 3
1.5
-
1.5
1.5
V
Channel Control
Voltage-OFF
VIN(OFF)
5V Logic Ckts
Note 3
-
-
4.5
4.5
V
Channel Control
Voltage-OFF
VIN(OFF)
15V Logic Ckts
Note 3
-
-
11.0
11.0
V
Leakage Current-OFF
ID(OFF)
5V Logic Ckts
VIN = +4.5V,
VA = ±10V
-
0.02
±0.5
20
nA
Leakage Current-OFF
ID(OFF)
15V Logic Ckts
VIN = +11V,
VA = ±10V
-
0.02
±0.5
20
nA
Leakage Current-ON
ID(ON)
5V Logic Ckts
VIN = 0V, IS = 1mA
-
0.30
±1.0
1000 (M)
200 (C)
nA
Leakage Current-ON
ID(ON)
15V Logic Ckts
VIN = 0V, IS = 1mA
-
0.10
±0.5
500 (M)
100 (C)
nA
Leakage Current-ON
ID(ON)
5V Logic Ckts
VIN = 0V, IS = 2mA
-
-
1.0
10
µA
Leakage Current-ON
ID(ON)
15V Logic Ckts
VIN = 0V, IS = 2mA
-
-
2.0
100
µA
Drain-Source
ON-Resistance
rDS(ON)
5V Logic Ckts
ID = 2mA, VIN = 0.5V
150
90
150
385 (M)
240 (C)
Drain-Source
ON-Resistance
rDS(ON)
15V Logic Ckts
ID = 2mA, VIN = 1.5V
100
80
100
250 (M)
160 (C)
Turn-ON Time
t(ON)
All
-
150
500
-
ns
Turn-OFF Time
t(OFF)
All
-
300
500
-
ns
Cross Talk
CT
All
f = 100Hz
-
120
-
-
dB
NOTES:
1. (OFF) and (ON) subscript notation refers to the conduction state of the FET switch for the given test.
2. Refer to Figure 1 for definition of terms.
3. VIN(ON) and VIN(OFF) are test conditions guaranteed by the tests of rDS(ON) and ID(OFF) respectively.
4. “5V Logic CKTS” applies to even-numbered devices. “15V Logic CKTS” applies to odd-numbered devices.
IH5009 Series


Similar Part No. - IH5020MPE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5020 INTERSIL-IH5020 Datasheet
4Mb / 122P
   P-CHANNEL JFET
IH5020 INTERSIL-IH5020 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
More results

Similar Description - IH5020MPE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2425CLP TI-TLE2425CLP Datasheet
451Kb / 22P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2425 TI-TLE2425 Datasheet
230Kb / 16P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2425CLP TI1-TLE2425CLP Datasheet
451Kb / 22P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2426-EP TI1-TLE2426-EP_16 Datasheet
763Kb / 15P
[Old version datasheet]   RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-EP TI1-TLE2426-EP Datasheet
546Kb / 15P
[Old version datasheet]   RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-Q1 TI1-TLE2426-Q1 Datasheet
235Kb / 15P
[Old version datasheet]   THE "RAIL SPLITTER" PRECISION VIRTUAL GROUND
TLE2426 TI-TLE2426 Datasheet
344Kb / 22P
[Old version datasheet]   THE RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426IDRG4 TI1-TLE2426IDRG4 Datasheet
1Mb / 30P
[Old version datasheet]   THE RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
List of Unclassifed Man...
FV-1REVERBIC ETC2-FV-1REVERBIC Datasheet
185Kb / 8P
   Featuring Spin Semiconductor Virtual Analog Technology
logo
Integrated Device Techn...
89HPES10T4G2 IDT-89HPES10T4G2 Datasheet
281Kb / 30P
   One virtual channel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com