Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC9P5502B-5 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HC9P5502B-5
Description  EIA/ITU PABX SLIC with 30mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC9P5502B-5 Datasheet(HTML) 5 Page - Intersil Corporation

  HC9P5502B-5 Datasheet HTML 1Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 2Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 3Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 4Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 5Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 6Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 7Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 8Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
51
Pin Descriptions
28 PIN
PLCC
24 PIN
DIP/SOIC
SYMBOL
DESCRIPTION
2
1
TIP
An analog input connected to the TIP (more positive) side of the subscriber loop through a 150
feed resistor and a ring relay contact. Functions with the Ring terminal to receive voice signals from
the telephone and for loop monitoring process.
3
2
RING
An analog input connected to the RING (more negative) side of the subscriber loop through a 150
feed resistor and a ring relay contact. Functions with the Tip terminal to receive voice signals from
the telephone and for loop monitoring purposes.
43
VB+
Positive Voltage Source - Most positive supply. VB+ is typically 12V or 5V.
54
C1
Capacitor #1 - Optional Capacitor used to improve power supply rejection. This pin should be left open
if unused.
65
C3
Capacitor #3 - An external capacitor to be connected between this terminal and analog ground. Re-
quired for proper operation of the loop current limiting function, and for filtering VB- supply. Typical
value is 0.3
µF, 30V.
76
DG
(Note 5)
Digital Ground - To be connected to zero potential and serves as a reference for all digital inputs and
outputs on the SLIC.
9
7
RS
Ring Synchronization Input - A TTL - compatible clock input. The clock should be arranged such that
a positive transition occurs on the negative going zero crossing of the ring voltage source, ensuring
that the ring relay is activated and deactivated when the instantaneous ring voltage is near zero. If
synchronization is not required, tie to 5V.
10
8
RD
Relay Driver - A low active open collector logic output. When enabled, the external ring relay is
energized.
11
9
TF
Tip Feed-Alow impedance analog output connected to the TIP terminal through a 150
Ω feed
resistor. Functions with the RF terminal to provide loop current, feed voice signals to the telephone
set, and sink longitudinal current.
12
10
RF
Ring Feed - A low impedance analog output connected to the RING terminal through a 150
Ω feed
resistor. Functions with the TF terminal to provide loop current, feed voice signal to the telephone
set, and sink longitudinal current.
13
11
VB-
Negative Voltage Source - Most negative supply. VB- is typically -48V with an operational range of -
42V to -58V. Frequently referred to as “battery”.
14
12
BG
(Note 1)
Battery Ground - To be connected to zero potential. All loop current and some quiescent current
flows into this ground terminal.
16
13
SHD
Switch Hook Detection - A low active LS TTL - compatible logic output. This output is enabled for
loop currents exceeding 10mA and disabled for loop currents less than 5mA.
17
14
GKD
Ground Key Detection - A low active LS TTL - compatible logic output. This output is enabled if the
DC current into the ring lead exceeds the DC current out of the tip lead by more than 20mA, and
disabled if this current difference is less than 10mA.
18
15
PD
Power Denial - A low active TTL - Compatible logic input. When enabled the switch hook detect
(SHD) and ground key detect (GKD) are not necessarily valid, and the relay driver (RD) output is
disabled.
19
16
RC
Ring Command - A low active TTL - Compatible logic input. When enabled, the relay driver (RD)
output goes low on the next rising edge of the ring sync (RS) input, as long as the SLIC is not in the
power denial state (PD = 0) or the subscriber is not already off- hook (SHD = 0).
20
17
C2
Capacitor #2 - An external capacitor to be connected between this terminal and digital ground.
Prevents false ground key indications from occurring during ring trip detection. Typical value is
0.15
µF, 10V. This capacitor is not used if ground key function is not required.
21
18
OUT
The analog output of the spare operational amplifier.
23
19
-IN
The inverting analog input of the spare operational amplifier.
HC-5502B


Similar Part No. - HC9P5502B-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC9P5502B1-5 INTERSIL-HC9P5502B1-5 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
More results

Similar Description - HC9P5502B-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com