Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC9P5502B-5 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC9P5502B-5
Description  EIA/ITU PABX SLIC with 30mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC9P5502B-5 Datasheet(HTML) 6 Page - Intersil Corporation

  HC9P5502B-5 Datasheet HTML 1Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 2Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 3Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 4Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 5Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 6Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 7Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 8Page - Intersil Corporation HC9P5502B-5 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
52
Functional Diagram
24
20
+IN
The non-inverting analog input of the spare operational amplifier.
25
21
RX
Receive Input, 4-Wire Side - A high impedance analog input which is internally biased. Capacitive
coupling to this input is required. AC signals appearing at this input differentially drive the Tip feed
and Ring feed amplifiers, which in turn drive tip and ring through 300
Ω of feed resistance on each
side of the line.
26
22
C4
Capacitor #4 - An external capacitor to be connected between this terminal and analog ground. This
capacitor prevents false ground key indication and false ring trip detection from occurring when lon-
gitudinal currents are induced onto the subscriber loop from nearby power lines and other noise
sources. This capacitor is also required for the proper operation of ring trip detection. Typical value
is 0.5
µF to 1.0µF, 20V. This capacitor should be nonpolarized.
27
23
AG
(Note 5)
Analog Ground - To be connected to zero potential and serves as a reference for the transmit output
(TX) and receive input (RX) terminals.
28
24
TX
Transmit Output, 4-Wire Side - A low impedance analog output which represents the differential volt-
age across Tip and Ring. Transhybrid balancing must be performed (using the SLIC microcircuit’s
spare op amp) beyond this output to completely implement two to four wire conversion. This output
is unbalanced and referenced to analog ground. Since the DC level of this output varies with loop
current, capacitive coupling to the next stage is essential.
1, 8, 5, 22
NC
No internal connection.
NOTE:
5. All grounds (AG, BG, and DG) must be applied before VB+orVB-. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
Pin Descriptions
(Continued)
28 PIN
PLCC
24 PIN
DIP/SOIC
SYMBOL
DESCRIPTION
RING
RELAY
LOOP
CURRENT
LIMITER
BATTERY
FEED
DIFF
AMP
OP
AMP
LOOP
MONITORING
RING
CONTROL
2 WIRE
LOOP
SECONDARY
PROTECTION
-1
LINE
DRIVERS
TIP
RING
VB-
VB-
PD
POWER DENIAL
150
RING
150
RF
BG
150
TF
TIP
RD
RC
RS
RING
VOLTAGE
RING SYNC
RING COMMAND
RING
TRIP
SHD
GKD
TX
TRANSMIT
OUTPUT
OUT
+IN
-IN
RX
RECEIVE
INPUT
SLIC MICROCIRCUIT
150
SWITCH HOOK
DETECTION
GROUND KEY
DETECTION
+
-
+1
+
-
HC-5502B


Similar Part No. - HC9P5502B-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC9P5502B1-5 INTERSIL-HC9P5502B1-5 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
More results

Similar Description - HC9P5502B-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com