Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC3-5504B-9 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC3-5504B-9
Description  EIA/ITU PABX SLIC with 40mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC3-5504B-9 Datasheet(HTML) 9 Page - Intersil Corporation

  HC3-5504B-9 Datasheet HTML 1Page - Intersil Corporation HC3-5504B-9 Datasheet HTML 2Page - Intersil Corporation HC3-5504B-9 Datasheet HTML 3Page - Intersil Corporation HC3-5504B-9 Datasheet HTML 4Page - Intersil Corporation HC3-5504B-9 Datasheet HTML 5Page - Intersil Corporation HC3-5504B-9 Datasheet HTML 6Page - Intersil Corporation HC3-5504B-9 Datasheet HTML 7Page - Intersil Corporation HC3-5504B-9 Datasheet HTML 8Page - Intersil Corporation HC3-5504B-9 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
59
Applications Diagram
FIGURE 1. TYPICAL LINE CIRCUIT APPLICATION WITH THE MONOLITHIC SLIC
Typical Component Values
C2 = 0.15µF, 10V
C3 = 0.3µF, 30V
C4 = 0.5µF to 1.0µF, 10%, 20V (Should be nonpolarized)
C5 = 0.5µF, 20V
C6 = C7 = 0.5µF (10% Match Required) (Note 7)
C8 = 0.01µF, 100V
C9 = 0.01µF, 20V, ±20%
R1 =R2 =R3 = 100kΩ (0.1% Match Required, 1% absolute
value) ZB = 0 for 600
Ω Terminations (Note 7).
RB1 =RB2 =RB3 =RB4 = 150Ω (0.1% Match Required, 1%
absolute value).
RS1 = RS2 =1kΩ, typically.
CS1 =CS2 = 0.1µF, 200V typically, depending on VRING and
line length.
Z1 = 150V to 200V transient protection.
PTC used as ring generator ballast.
NOTES:
6. Secondary protection diode bridge recommended is a 2A, 200V type.
7. To obtain the specified transhybrid loss it is necessary for the three legs of the balance network, C6-R1 and R2 and C7-ZB-R3, to match in im-
pedance to within 0.3%. Thus, if C6 and C7 are 1µF each, a 20% match is adequate. It should be noted that the transmit output to C6 sees a -
22V step when the loop is closed. Too large a value for C6 may produce an excessively long transient at the op amp output to the PCM Fil-
ter/CODEC.
A 0.5
µF and 100kΩ gives a time constant of 50ms. The uncommitted op amp output is internally clamped to stay within ±5.5V and also has
current limiting protection.
8. All grounds (AG, BG, and DG) must be applied before VB+orVB-. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
9. Application shows Ring Injected Ringing, Balanced or Tip injected configuration may be used.
10. Pin numbers given for DIP/SOIC package.
RB4
K1B
K1A
RING
RING FEED
RING FEED SENSE
TIP
VB -
SLIC
HC-5504B
RS1
RB2
RB1
PTC
Z1
-48V
150VPEAK (MAX)
RING GENERATOR
RING
RB3
RS2
CS2
SUBSCRIBER
LOOP
-48V
SYSTEM CONTROLLER
K1
8
1
9
10
3
2
1
TIP FEED
TIP
RD
OP AMP
RX
TX
+IN
-IN
OUT
C2
C3
C4
NEG.
BATT.
BATT.
GND.
DIG.
GND.
ANA.
GND.
VB+
POWER
DENIAL
SWITCH
HOOK
DETECT
GROUND
KEY
DETECT
RING
SYNC
RING
CMD
15
13
14
7
16
11
12
6
23
C9
4
VB +
C8
C4
C3
C2
+
+
21
24
20
19
18
17
5
22
C6
R1
R2
C7
C5
R3
BALANCE NETWORK
PCM
FILTER/
CODEC
SWITCHING
NETWORK
ZB
5V TO
12V
PRIMARY
PROTECTION
CS1
HC-5504B


Similar Part No. - HC3-5504B-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC3-5504DLC-5 INTERSIL-HC3-5504DLC-5 Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC3-5504DLC-9 INTERSIL-HC3-5504DLC-9 Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
More results

Similar Description - HC3-5504B-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com