Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA1140-40(-RC) Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA1140-40(-RC)
Description  SMD 8 Pin 5 Tap TTL Compatible
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1140-40(-RC) Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA1140-40(-RC) Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
SMD 8 Pin 5 Tap TTL Compatible
Active Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPA1140-XX & EPA1140-XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA1140-XX & -RC
Rev. B
8/17/06 RR
Add “-RC” after part number for RoHS Compliant
Tap Delays
(†±5% or ± 2nS)
5, 10, 15, 20
6, 12, 18, 24
7, 14, 21, 28
8, 16, 24, 32
9, 18, 27, 36
10, 20, 30, 40
12, 24, 36, 48
15, 30, 45, 60
20, 40, 60, 80
25, 50, 75, 100
Total Delay
(†±5% or ± 2nS)
25
30
35
40
45
50
60
75
100
125
PCA
Part Number
EPA1140-150(-RC)
EPA1140-175(-RC)
EPA1140-200(-RC)
EPA1140-225(-RC)
EPA1140-250(-RC)
EPA1140-300(-RC)
EPA1140-350(-RC)
EPA1140-400(-RC)
EPA1140-450(-RC)
EPA1140-500(-RC)
Tap Delays
(†±5% or ± 2nS)
30, 60, 90, 120
35, 70, 105, 140
40, 80, 120, 160
45, 90, 135, 180
50, 100, 150, 200
60, 120, 180, 240
70, 140, 210, 280
80, 160, 240, 320
90, 180, 270, 360
100, 200, 300, 400
Total Delay
(†±5% or ± 2nS)
150
175
200
225
250
300
350
400
450
500
PCA
Part Number
EPA1140-25(-RC)
EPA1140-30(-RC)
EPA1140-35(-RC)
EPA1140-40(-RC)
EPA1140-45(-RC)
EPA1140-50(-RC)
EPA1140-60(-RC)
EPA1140-75(-RC)
EPA1140-100(-RC)
EPA1140-125(-RC)
†Whichever is greater. Delay times referenced from input to leading and trailing edges at 25°C, 5.0V, with no load.
Recommended Operating Conditions
VCC Supply Voltage
VIH
High-Level Input Voltage
VIL
Low-Level Input Voltage
IIK
Input Clamp Current
IOH
High-Level Output Current
IOL
Low-Level Output Current
PW*
Pulse Width of Total Delay
d*
Duty Cycle
TA
Operating Free-Air Temperature
Min.
4.75
2.0
40
-55
Max.
5.25
0.8
-18
-1.0
20
40
+125
Unit
V
V
V
mA
mA
mA
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
DC Electrical Characteristics
Parameter
Test Conditions
VOH High-Level Output Voltage
VCC = min. VIL= max. IOH = max
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
VIK
Input Clamp Voltage
VCC = min. II = II K
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
VCC = max. VIN = 5.25V
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
IOS
Short Circuit Output Current
VCC = max. V OUT = 0.
Min.
2.7
-40
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
ICCL Low-Level Supply Current
VCC = max. VIN = 0
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
Max.
0.5
-1.2
50
1.0
-2
-100
75
75
4
NH
Fanout High-Level Output
VCC = max. V OH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC = max. V OL = 0.5V
10 TTL Load
Unit
V
V
V
µA
mA
mA
mA
nS
mA
mA
Schematic
7
2
6
3
5
1
4
OUTPUT
GROUND
INPUT
8
VCC
Package
.100
(2.54)
PCA
EPA1140-25(-RC)
D.C.
.280
Max.
(7.11)
.500 Max.
.250
Max.
(6.35)
.010
Typ.
(.254)
.400
Max.
(10.16)
.020
(.508)
.050
(1.27)
.300
(7.62)
.100
(2.54)
.055
(1.40)
.410
(10.41)
.030
(.762)
Pad Layout
Notes :
2. Peak Temperature Rating
4. Weight
1. Lead Finish
TBD pieces/tube
EPA1140-XX-RC
260°C
.976 grams
TBD pieces/tube
Hot Tin Dip (Sn) †
TBD pieces/13” reel
(*EPA1140-XXTR-RC)
(Tube)
(Tape & Reel)
EPA1140-XX
225°C
.976 grams
SnPb
TBD pieces/13” reel
(*EPA1140-XXTR)
† Lead Material : Matte Tin with Ni Barrier
5. Packaging Information
(*Add “TR” to end of part
number, but in front of
“-RC”when placing order)


Similar Part No. - EPA1140-40(-RC)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1140-40 PCA-EPA1140-40 Datasheet
22Kb / 1P
   SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EPA1140-40-RC PCA-EPA1140-40-RC Datasheet
22Kb / 1P
   SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EPA1140-400 PCA-EPA1140-400 Datasheet
22Kb / 1P
   SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EPA1140-400-RC PCA-EPA1140-400-RC Datasheet
22Kb / 1P
   SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EPA1140-40(-RC)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1140-XX PCA-EPA1140-XX Datasheet
22Kb / 1P
   SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EPA600-XX PCA-EPA600-XX_15 Datasheet
62Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA600-4 PCA-EPA600-4 Datasheet
62Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EP9100 PCA-EP9100 Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9677 PCA-EP9677 Datasheet
19Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EP9677 PCA-EP9677_15 Datasheet
19Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EP91XX PCA-EP91XX_15 Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EPA2398 PCA-EPA2398_15 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com