Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC-5504 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC-5504
Description  EIA/ITU PABX SLIC with 40mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC-5504 Datasheet(HTML) 2 Page - Intersil Corporation

  HC-5504 Datasheet HTML 1Page - Intersil Corporation HC-5504 Datasheet HTML 2Page - Intersil Corporation HC-5504 Datasheet HTML 3Page - Intersil Corporation HC-5504 Datasheet HTML 4Page - Intersil Corporation HC-5504 Datasheet HTML 5Page - Intersil Corporation HC-5504 Datasheet HTML 6Page - Intersil Corporation HC-5504 Datasheet HTML 7Page - Intersil Corporation HC-5504 Datasheet HTML 8Page - Intersil Corporation HC-5504 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
52
Absolute Maximum Ratings (Note 1)
Thermal Information
Maximum Continuous Supply Voltages
(VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60V to 0.5V
(VB+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 15V
(VB+ - VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75V
Relay Drive Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 15V
Operating Conditions
Operating Temperature Range
HC-5504B-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
HC-5504B-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Relay Driver Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . . . . 5 to 12V
Positive Supply Voltage (VB+) . . . . . . . 4.75 to 5.25 or 10.8 to 13.2V
Negative Supply Voltage (VB-). . . . . . . . . . . . . . . . . . . . . -42 to -58V
High Level Logic Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V
Low Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V
Loop Resistance (RL) . . . . . . . . . . . . . . . . . . . . . . . . . 200 to 1200Ω
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
CERDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
52
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
65
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
65
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature (Hermetic Packages) . . . . . .175oC
Maximum Junction Temperature (Plastic Packages) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(PLCC and SOIC - Lead Tips Only)
Die Characteristics
Transistor Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 185
Diode Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 x 102
Substrate Potential. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Connected
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired.
Functional operability under any of these conditions is not necessarily implied.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = 12V and 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25
oC. Min-Max Parameters are Over Operating Temperature Range
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
On Hook Power Dissipation
ILONG = 0 (Note 3), VB+ = 12V
-
170
235
mW
Off Hook Power Dissipation
RL = 600Ω, ILONG = 0 (Note 3), VB+ = 12V
-
425
550
mW
Off Hook IB+RL = 600Ω, ILONG = 0 (Note 3), TA = -40
oC
-
-
6.0
mA
Off Hook IB+RL = 600Ω, ILONG = 0 (Note 3), TA = 25
oC
-
-
5.3
mA
Off Hook IB-RL = 600Ω, ILONG = 0 (Note 3)
-
35
41
mA
Off Hook Loop Current
RL = 1200Ω, ILONG = 0 (Note 3)
-
21
-
mA
Off Hook Loop Current
RL = 1200Ω, VB- = -42V, ILONG = 0 (Note 3)
TA = 25
oC
17.5
-
-
mA
Off Hook Loop Current
RL = 200Ω, ILONG = 0 (Note 3)
36
41
48
mA
Fault Currents
TIP to Ground
-14-
mA
RING to Ground
-55-
mA
TIP to RING
-41-
mA
TIP and RING to Ground
-55-
mA
Ring Relay Drive VOL
IOL = 62mA
-
0.2
0.5
V
Ring Relay Driver Off Leakage
VRD = 12V, RC = 1 = HIGH, TA = 25
oC
-
-
100
µA
Ring Trip Detection Period
RL = 600Ω
-
2
3
Ring
Cycles
Switch Hook Detection Threshold
SHD = VOL
10
-
-
mA
SHD = VOH
--
5
mA
HC-5504B


Similar Part No. - HC-5504

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504 INTERSIL-HC-5504 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5504B INTERSIL-HC-5504B Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
More results

Similar Description - HC-5504

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com