Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5503PRC Datasheet(PDF) 7 Page - Intersil Corporation

Part # HC5503PRC
Description  Low Cost SLIC For Large Telecom Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503PRC Datasheet(HTML) 7 Page - Intersil Corporation

  HC5503PRC Datasheet HTML 1Page - Intersil Corporation HC5503PRC Datasheet HTML 2Page - Intersil Corporation HC5503PRC Datasheet HTML 3Page - Intersil Corporation HC5503PRC Datasheet HTML 4Page - Intersil Corporation HC5503PRC Datasheet HTML 5Page - Intersil Corporation HC5503PRC Datasheet HTML 6Page - Intersil Corporation HC5503PRC Datasheet HTML 7Page - Intersil Corporation HC5503PRC Datasheet HTML 8Page - Intersil Corporation HC5503PRC Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Surge Protection
The SLIC device, in conjunction with an external protection
bridge, will withstand high voltage lightning surges and
power line crosses.
The voltage withstand capability of pins ‘Tip’, ‘Ring’ and
‘RFs’ is
±450V with respect to ground, as shown in Table 1.
This device is intended for use with an appropriate
secondary protection circuit scheme.
The SLIC will withstand longitudinal currents up to a
maximum or 30mARMS, 15mARMS per leg, without any
performance degradation.
LOGIC GATE SCHEMATIC
15
5
6
12
4
16
13
A
B
C
C
B
A
TTL
TO
STTL
TTL
TO
STTL
TTL
TO
STTL
TO
R21
SHD
RD
PD
RC
RS
TTL
TO
STTL
DELAY
LOGIC BIAS
RELAY
DRIVER
SH
GK
11
14
3
9
7
8
10
2
1
SCHOTTKY LOGIC
TABLE 1.
PARAMETER
TEST
CONDITION
PERFORMANCE
(MAX)
UNITS
Longitudinal
Surge
10
µs Rise/
1000
µs Fall
±450 (Plastic)
VPEAK
Metallic Surge
10
µs Rise/
1000
µs Fall
±450 (Plastic)
VPEAK
T/GND
R/GND
10
µs Rise/
1000
µs Fall
±450 (Plastic)
VPEAK
50/60Hz Current
T/GND
R/GND
11 Cycles
Limited to
10ARMS
315 (Plastic)
VRMS
HC5503PRC


Similar Part No. - HC5503PRC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503PRC INTERSIL-HC5503PRC Datasheet
257Kb / 11P
   Low Cost SLIC For Large Telecom Switches
HC5503PRC INTERSIL-HC5503PRC Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Renesas Technology Corp
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
257Kb / 11P
   Low Cost SLIC For Large Telecom Switches
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
More results

Similar Description - HC5503PRC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRI INTERSIL-HC5503PRI Datasheet
279Kb / 8P
   Low Cost SLIC For Large Telecom Switches
HC5503PRC INTERSIL-HC5503PRC_04 Datasheet
257Kb / 11P
   Low Cost SLIC For Large Telecom Switches
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
   LOW COST SLIC
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
   Low Cost 24V SLIC For PABX / Key Systems
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
   Multifunction Telecom Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com