Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5503TCB Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC5503TCB
Description  Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503TCB Datasheet(HTML) 3 Page - Intersil Corporation

  HC5503TCB Datasheet HTML 1Page - Intersil Corporation HC5503TCB Datasheet HTML 2Page - Intersil Corporation HC5503TCB Datasheet HTML 3Page - Intersil Corporation HC5503TCB Datasheet HTML 4Page - Intersil Corporation HC5503TCB Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
52
Pinouts
Level Linearity
2-Wire to TX, RX to 2-Wire
At 1kHz, (Note 3) Referenced to 0dBm Level
+3 to -40dBm
-
-
±0.05
dB
-40 to -50dBm
-
-
±0.1
dB
-50 to -55dBm
-
-
±0.3
dB
Power Supply Rejection Ratio
(Note 3)
VCC to 2-Wire
200 - 3400kHz, RL = 600Ω
-40-
dB
VCC to Transmit
-40-
dB
VBAT to 2-Wire
-40-
dB
VBAT to Transmit
-40-
dB
Logic Input Current (RS, RC)
0V
≤ VIN ≤ 5V
-
-
±100
µA
Logic Inputs (RS, RC)
Logic ‘0’ VIL
-
-
0.8
V
Logic ‘1’ VIH
2.0
-
5.5
V
Logic Output (SHD)
Logic ‘0’ VOL
ILOAD 800µA, VCC = 5V
-
0.1
0.5
V
Logic ‘1’ VOH
ILOAD 40µA, VCC = 5V
2.7
-
5.0
V
NOTES:
3. These parameters are controlled by design or process parameters and are not directly tested. These parameters are characterized upon initial
design release, upon design changes which would affect these characteristics, and at intervals to assure product quality and specification com-
pliance.
Electrical Specifications
Unless Otherwise Specified, VBAT = -48V, VCC = 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25
oC. Min-Max Parameters are Over Operating Temperature Range (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HC5503T
(PDIP)
TOP VIEW
HC5503T
(SOIC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
14
15
16
17
18
19
20
21
22
13
12
TIP
RING
DGND
RS
N/C
RF
VBAT
TX
N/C
T3
N/C
AGND
T1
C1
RX
T2
N/C
N/C
SHD
TF
VCC
BGND
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
TIP
RING
C1
DGND
RS
TF
RF
BGND
TX
N/C
T3
N/C
AGND
T1
N/C
RX
T2
N/C
N/C
N/C
SHD
N/C
VCC
VBAT
HC5503T


Similar Part No. - HC5503TCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503TCB INTERSIL-HC5503TCB Datasheet
326Kb / 6P
   Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
logo
Renesas Technology Corp
HC5503TCB RENESAS-HC5503TCB Datasheet
412Kb / 6P
   Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Intersil Corporation
HC5503TCBZ INTERSIL-HC5503TCBZ Datasheet
326Kb / 6P
   Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
logo
Renesas Technology Corp
HC5503TCBZ RENESAS-HC5503TCBZ Datasheet
412Kb / 6P
   Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Intersil Corporation
HC5503TCBZ96 INTERSIL-HC5503TCBZ96 Datasheet
326Kb / 6P
   Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
More results

Similar Description - HC5503TCB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503T RENESAS-HC5503T Datasheet
412Kb / 6P
   Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Intersil Corporation
HC5503T INTERSIL-HC5503T_04 Datasheet
326Kb / 6P
   Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
HC5503C INTERSIL-HC5503C Datasheet
60Kb / 5P
   Unbalanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 1998
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com