Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5513BIM Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC5513BIM
Description  TR909 DLC/FLC SLIC with Low Power Standby
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5513BIM Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HC5513BIM Datasheet HTML 2Page - Intersil Corporation HC5513BIM Datasheet HTML 3Page - Intersil Corporation HC5513BIM Datasheet HTML 4Page - Intersil Corporation HC5513BIM Datasheet HTML 5Page - Intersil Corporation HC5513BIM Datasheet HTML 6Page - Intersil Corporation HC5513BIM Datasheet HTML 7Page - Intersil Corporation HC5513BIM Datasheet HTML 8Page - Intersil Corporation HC5513BIM Datasheet HTML 9Page - Intersil Corporation HC5513BIM Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
59
LOOP CURRENT DETECTOR
On-Hook to Off-Hook
RD = 39kΩ, -40
oC to 85oC
372/RD
465/RD
558/RD
mA
Off-Hook to On-Hook
RD = 39kΩ, -40
oC to 85oC
325/RD
405/RD
485/RD
mA
Loop Current Hysteresis
RD = 39kΩ, -40
oC to 85oC
25/RD
60/RD
95/RD
mA
GROUND KEY DETECTOR
Tip/Ring Current Difference - Trigger
(Note 29, Figure 11)
8
12
17
mA
Tip/Ring Current Difference - Reset
(Note 29, Figure 11)
3
7
12
mA
Hysteresis
(Note 29, Figure 11)
0
5
9
mA
FIGURE 10. IDLE CHANNEL NOISE
FIGURE 11. GROUND KEY DETECT
RING TRIP DETECTOR (DT, DR)
Offset Voltage
Source Res = 0
-20
-
20
mV
Input Bias Current
Source Res = 0
-500
-
500
nA
Input Common-Mode Range
Source Res = 0
VBAT +1
-
0
V
Input Resistance
Source Res = 0, Balanced
3
-
-
M
RING RELAY DRIVER
VSAT at 25mA
IOL = 25mA
-
1.0
1.5
V
Off-State Leakage Current
VOH = 12V
-
-
10
µA
DIGITAL INPUTS (E0, E1, C1, C2)
Input Low Voltage, VIL
0
-
0.8
V
Input High Voltage, VIH
2-
VCC
V
Input Low Current, IIL: C1, C2
VIL = 0.4V
-200
-
-
µA
Input Low Current, IIL: E0, E1
VIL = 0.4V
-100
-
-
µA
Input High Current
VIH = 2.4V
-
-
40
µA
DETECTOR OUTPUT (DET)
Output Low Voltage, VOL
IOL = 2mA
-
-
0.45
V
Output High Voltage, VOH
IOH = 100µA
2.7
-
-
V
Electrical Specifications
TA = -40
oC to 85oC, V
CC = 5V ±5%, VEE = -5V ±5%, VBAT = -28V, AGND = BGND = 0V, RDC1 = RDC2 =
41.2k
Ω, RD = 39kΩ, RSG = ∞, RF1 = RF2 = 0Ω, CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise
Specified. All pin number references in the figures refer to the 28 lead PLCC package. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RT
RRX
600k
300k
600
VTR
VTX
RL
TIP
27
VTX
19
RING
28
RSN
16
TIP
27
RSN
16
RING
28
RDC
14
RDC2
41.2k
RDC1
41.2k
CDC
1.5
µF
DET
E1 = C1 = 0, C2 = 1
HC5513


Similar Part No. - HC5513BIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5513BIP INTERSIL-HC5513BIP Datasheet
412Kb / 20P
   TR909 DLC/FLC SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5513BIP RENESAS-HC5513BIP Datasheet
910Kb / 20P
   TR909 DLC/FLC SLIC with Low Power Standby
More results

Similar Description - HC5513BIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5513 INTERSIL-HC5513_03 Datasheet
412Kb / 20P
   TR909 DLC/FLC SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5513 RENESAS-HC5513 Datasheet
910Kb / 20P
   TR909 DLC/FLC SLIC with Low Power Standby
logo
Intersil Corporation
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5523 INTERSIL-HC5523_03 Datasheet
570Kb / 22P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com